Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4244C Datasheet(PDF) 7 Page - Texas Instruments

Part # PT4244C
Description  10W Output Power, Short-Circuit Protection, Output Current Limit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4244C Datasheet(HTML) 7 Page - Texas Instruments

  PT4244C Datasheet HTML 1Page - Texas Instruments PT4244C Datasheet HTML 2Page - Texas Instruments PT4244C Datasheet HTML 3Page - Texas Instruments PT4244C Datasheet HTML 4Page - Texas Instruments PT4244C Datasheet HTML 5Page - Texas Instruments PT4244C Datasheet HTML 6Page - Texas Instruments PT4244C Datasheet HTML 7Page - Texas Instruments PT4244C Datasheet HTML 8Page - Texas Instruments PT4244C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
18-Jan-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PT4242A
LIFEBUY SIP MODULE
EPF
10
15
TBD
Call TI
Level-1-215C-UNLIM
PT4242C
LIFEBUY SIP MODULE
EPG
10
15
TBD
Call TI
Level-3-215C-168HRS
PT4243A
LIFEBUY SIP MODULE
EPF
10
15
TBD
Call TI
Level-1-215C-UNLIM
PT4243C
LIFEBUY SIP MODULE
EPG
10
15
TBD
Call TI
Level-3-215C-168HRS
PT4243N
LIFEBUY SIP MODULE
EPE
10
15
TBD
Call TI
Level-1-215C-UNLIM
PT4244A
LIFEBUY SIP MODULE
EPF
10
15
TBD
Call TI
Level-1-215C-UNLIM
PT4244C
LIFEBUY SIP MODULE
EPG
10
15
TBD
Call TI
Level-3-215C-168HRS
PT4244N
LIFEBUY SIP MODULE
EPE
10
15
TBD
Call TI
Level-1-215C-UNLIM
PT4247A
OBSOLETE SIP MODULE
EPF
10
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - PT4244C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4244 TI-PT4244 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
More results

Similar Description - PT4244C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com