Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH05000WAH Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05000WAH
Description  Over-Temperature Protection, Output Current Limit, Up to 6-A Output Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05000WAH Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH05000WAH Datasheet HTML 5Page - Texas Instruments PTH05000WAH Datasheet HTML 6Page - Texas Instruments PTH05000WAH Datasheet HTML 7Page - Texas Instruments PTH05000WAH Datasheet HTML 8Page - Texas Instruments PTH05000WAH Datasheet HTML 9Page - Texas Instruments PTH05000WAH Datasheet HTML 10Page - Texas Instruments PTH05000WAH Datasheet HTML 11Page - Texas Instruments PTH05000WAH Datasheet HTML 12Page - Texas Instruments PTH05000WAH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
PTH05000W Startup with Output Pre-Bias
A pre-bias startup condition occurs as a result of an external
voltage being present at the output of the power module
prior to its output voltage rising. This often occurs in
complex digital systems when current from another power
source is backfed through a dual-supply logic component
such as an FPGA or ASIC. Another path might be via
clamp diodes (to a higher supply voltage) as part of a
sequential power-up arrangement.
An output prebias can cause problems with power modules
that incorporate synchronous rectifiers. This is because
under most operating conditions, they can sink as well as
source ouput current. Although the PTH05000W (5-V
input) power module can sink current under normal op-
eration, it will not do so during startup. 1 This is true as
long as certain conditions are maintained. 2 Figure 3-1
shows an application schematic that demonstrates this
capability. Figure 3-2 shows the waveforms of the circuit
after input power is applied. Note that the module’s out-
put current (Io) is never negative. Only positive current
is sourced. This occurs when the output voltage is raised
above that which is backfed from the 5-V input supply, via
the diodes D1 through D4. 3
Notes
1. Start up includes both the application of a valid input
source voltage, or the removal of a ground signal from
the Inhibit* control (pin 3) with a valid input source
applied. The output of the regulator is effectively off
(tri-state), during the period that the Inhibit* control is
held low.
Figure 3-2; Start-up with Output Pre-Bias
Figure 3-1; Schematic Demonstrating Startup with Output Pre-Bias
2. To ensure that the regulator does not sink current, the
input voltage must always be greater or equal to the
output voltage throughout the power-up and power-down
sequence.
3. If during power up, the backfeeding source is greater
than the module’s set-point voltage, the module’s
output voltage will remain higher than its set point.
The output will remain out of regulation until the back-
feeding source is either reduced in voltage or removed.
PTH05000W
Vin (1 V/Div)
Vo (1 V/Div)
Io (2 A/Div)
HORIZ SCALE: 5 ms/Div
PTH05000W
V
IN =5 V
1
4
5
2
3
C
IN
330 µF
(Required)
C
OUT
100 µF
(Optional)
Inhibit
GND
V
O =2.5 V
2k32
0.1 W, 1 %
V
O Adj
GND
Inhibit
V
IN
V
O
L
O
A
D
GND
D
1 - D4
MUR460
0.55
Resistive


Similar Part No. - PTH05000WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05000WAH TI-PTH05000WAH Datasheet
299Kb / 12P
[Old version datasheet]   6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results

Similar Description - PTH05000WAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
   Up to 60 A output current
logo
XP Power Limited
DSF XPPOWER-DSF Datasheet
326Kb / 2P
   Up to 28 A Output Current
logo
Delta Electronics, Inc.
Q48SQ12033 DELTA-Q48SQ12033 Datasheet
657Kb / 13P
   Hiccup output over current protection(OCP)
logo
Texas Instruments
PT4244N TI-PT4244N Datasheet
386Kb / 9P
[Old version datasheet]   10W Output Power, Short-Circuit Protection, Output Current Limit
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com