Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX14 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74LVX14
Description  Low Voltage Hex Inverter with Schmitt Trigger Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX14 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVX14 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011603
www.fairchildsemi.com
March 1993
Revised February 2005
74LVX14
Low Voltage Hex Inverter with Schmitt Trigger Input
General Description
The LVX14 contains six inverter gates each with a Schmitt
trigger input. They are capable of transforming slowly
changing input signals into sharply defined, jitter-free out-
put signals. In addition, they have a greater noise margin
than conventional inverters.
The LVX14 has hysteresis between the positive-going and
negative-going input thresholds (typically 1.0V) which is
determined internally by transistor ratios and is essentially
insensitive to temperature and supply voltage variations.
The inputs tolerate voltages up to 7V allowing the interface
of 5V systems to 3V systems.
Features
s Input voltage level translation from 5V to 3V
s Ideal for low power/low noise 3.3V applications
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74LVX14M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LVX14MX_NL
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LVX14SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX14MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVX14MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Similar Part No. - 74LVX14

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
74LVX14 MOTOROLA-74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
ON Semiconductor
ON Semiconductor
74LVX14 ONSEMI-74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
Toshiba Semiconductor
Toshiba Semiconductor
74LVX14 TOSHIBA-74LVX14 Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
STMicroelectronics
STMicroelectronics
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
ON Semiconductor
ON Semiconductor
74LVX14 ONSEMI-74LVX14 Datasheet
218Kb / 9P
   Low Voltage Hex Inverter
February 2008 Rev. 1.5.0
More results

Similar Description - 74LVX14

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
74LVQ14 FAIRCHILD-74LVQ14 Datasheet
54Kb / 5P
   Low Voltage Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
ON Semiconductor
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
Fairchild Semiconductor
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
74LVX14 FAIRCHILD-74LVX14_08 Datasheet
302Kb / 9P
   74LVX14 Low Voltage Hex Inverter with Schmitt Trigger Input
National Semiconductor (TI)
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
Fairchild Semiconductor
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
   Hex Inverter with Schmitt Trigger Input
Motorola, Inc
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
Texas Instruments
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
[Old version datasheet]   54AC14 Hex Inverter with Schmitt Trigger Input
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz