Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX14 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74LVX14
Description  Low Voltage Hex Inverter with Schmitt Trigger Input
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX14 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVX14 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX14 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics (Note 4)
Note 4: Input tr
tf
3ns
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI
0.5V
20 mA
DC Input Voltage (VI)
0.5V to 7V
DC Output Diode Current (IOK)
VO
0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r25 mA
DC VCC or Ground Current
(ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Power Dissipation
180 mW
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)
0V to 5.5V
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
40qC to 85qC
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
Vt
Positive Threshold
3.0
2.2
2.2
V
Vt
Negative Threshold
3.0
0.9
0.9
V
VH
Hysteresis
3.0
0.3
1.2
0.3
1.2
V
VOH
HIGH Level
2.0
1.9
2.0
1.9
IOH 50 PA
Output Voltage
3.0
2.9
3.0
2.9
V
VIN VIL or VIH IOH 50 PA
3.0
2.58
2.48
IOH 4 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
IOL 50 PA
Output Voltage
3.0
0.0
0.1
0.1
V
VIN VIL or VIH IOL 50 PA
3.0
0.36
0.44
IOL 4 mA
IIN
Input Leakage Current
3.6
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
3.6
2.0
20
PAVIN VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
CL (pF)
(V)
Typ
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.3
0.5
V
50
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.3
0.5
V
50
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
2.0
V
50
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
0.8
V
50


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn