Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH9248 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AH9248
Description  High Sensitivity Micropower Omnipolar Hall-Effect Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9248 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AH9248 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH9248 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH9248 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9248 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9248 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9248 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH9248 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AH9248 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AH9248 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9248
Jul. 2011
Rev. 1. 6
BCD Semiconductor Manufacturing Limited
8
Test Conditions (Continued)
Figure 6. Output Saturation Voltage (Note 7, 8)
Note 7: The output saturation voltage VSAT is measured at VCC=2.5V and VCC=5.5V.
Note 8: The device is put under magnetic field with B>BOP.
Figure 7. Magnetic Thresholds (Note 9, 10)
Note 9: BOP is determined by putting the device under magnetic field swept from BRP(min) to BOP(max) until the
output is switched on.
Note 10: BRP is determined by putting the device under magnetic field swept from BOP(max) to BRP(min) until
the output is switched off.


Similar Part No. - AH9248

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9248 DIODES-AH9248 Datasheet
374Kb / 15P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9248DNTR-G1 BCDSEMI-AH9248DNTR-G1 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9248DNTR-G1 DIODES-AH9248DNTR-G1 Datasheet
374Kb / 15P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9248NTR-G1 BCDSEMI-AH9248NTR-G1 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results

Similar Description - AH9248

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9247 DIODES-AH9247 Datasheet
723Kb / 16P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1893 DIODES-AH1893 Datasheet
326Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com