Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL512P12TFIV20 Datasheet(PDF) 4 Page - SPANSION

Part # S29GL512P12TFIV20
Description  1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL512P12TFIV20 Datasheet(HTML) 4 Page - SPANSION

  S29GL512P12TFIV20 Datasheet HTML 1Page - SPANSION S29GL512P12TFIV20 Datasheet HTML 2Page - SPANSION S29GL512P12TFIV20 Datasheet HTML 3Page - SPANSION S29GL512P12TFIV20 Datasheet HTML 4Page - SPANSION S29GL512P12TFIV20 Datasheet HTML 5Page - SPANSION S29GL512P12TFIV20 Datasheet HTML 6Page - SPANSION S29GL512P12TFIV20 Datasheet HTML 7Page - SPANSION S29GL512P12TFIV20 Datasheet HTML 8Page - SPANSION S29GL512P12TFIV20 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
4
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A14 October 22, 2012
Da ta
Sh e e t
Performance Characteristics
Notes
1. Access times are dependent on VCC and VIO operating ranges.
See Ordering Information page for further details.
Regulated VCC: VCC = 3.0–3.6 V.
Full VCC: VCC = VIO = 2.7–3.6 V.
VersatileIO VIO: VIO = 1.65–VCC, VCC = 2.7–3.6 V.
2. Contact a sales representative for availability.
Maximum Read Access Times (ns)
Density
Voltage Range (1)
Random Access
Time (tACC)
Page Access Time
(tPACC)
CE# Access Time
(tCE)
OE# Access Time
(tOE)
128 & 256 Mb
Regulated VCC
90
25
90
25
Full VCC
100/110
100/110
VersatileIO VIO
110
110
512 Mb
Regulated VCC
100
25
100
25
Full VCC
110
110
VersatileIO VIO
120
120
1 Gb
Regulated VCC
110
25
110
25
Full VCC
120
120
VersatileIO VIO
130
130
Current Consumption (typical values)
Random Access Read (f = 5 MHz)
30 mA
8-Word Page Read (f = 10 MHz)
1 mA
Program/Erase
50 mA
Standby
1 µA
Program & Erase Times (typical values)
Single Word Programming
60 µs
Effective Write Buffer Programming (VCC) Per Word
15 µs
Effective Write Buffer Programming (VHH) Per Word
13.5 µs
Sector Erase Time (64 Kword Sector)
0.5 s


Similar Part No. - S29GL512P12TFIV20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512P12TFIV10 SPANSION-S29GL512P12TFIV10 Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV12 SPANSION-S29GL512P12TFIV12 Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV13 SPANSION-S29GL512P12TFIV13 Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Similar Description - S29GL512P12TFIV20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com