Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL016J70TFI020 Datasheet(PDF) 41 Page - SPANSION

Part # S29AL016J70TFI020
Description  CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016J70TFI020 Datasheet(HTML) 41 Page - SPANSION

Back Button S29AL016J70TFI020 Datasheet HTML 37Page - SPANSION S29AL016J70TFI020 Datasheet HTML 38Page - SPANSION S29AL016J70TFI020 Datasheet HTML 39Page - SPANSION S29AL016J70TFI020 Datasheet HTML 40Page - SPANSION S29AL016J70TFI020 Datasheet HTML 41Page - SPANSION S29AL016J70TFI020 Datasheet HTML 42Page - SPANSION S29AL016J70TFI020 Datasheet HTML 43Page - SPANSION S29AL016J70TFI020 Datasheet HTML 44Page - SPANSION S29AL016J70TFI020 Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
April 12, 2012 S29AL016J_00_12
S29AL016J
41
Data
She e t
14. DC Characteristics
14.1
CMOS Compatible
Notes
1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH. Typical VCC is 3.0 V.
2. ICC active while Embedded Erase or Embedded Program is in progress.
3. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns.
4. Not 100% tested.
5. When the device is operated in Extended Temperature range, the currents are as follows:
ICC3 = 0.2 µA (typ), 10 µA (max)
ICC4 = 0.2 µA (typ), 10 µA (max)
ICC5 = 0.2 µA (typ), 10 µA (max)
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC max
±1.0
µA
WP# Input Load Current
VCC = VCC max, WP# = VSS to VCC
±25
ILIT
A9 Input Load Current
VCC = VCC max; A9 = 12.5 V
35
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
±1.0
ICC1
VCC Active Read Current
(Note 1)
CE# = VIL, OE# = VIH,
VCC = VCC max, Byte Mode
5 MHz
7
12
mA
1 MHz
2
4
CE# = VIL, OE# = VIH,,
VCC = VCC max, Word Mode
5 MHz
7
12
1 MHz
2
4
ICC2
VCC Active Erase/Program Current
(Notes 2, 3, 4)
CE# = VIL, OE# = VIH,
VCC = VCC max
20
30
mA
ICC3
VCC Standby Current (Note 4)
OE# = VIH,
CE#, RESET# = VCC + 0.3 V/-0.1V,
WP# = VCC or open, VCC = VCC max
(Note 5)
0.2
5
µA
ICC4
VCC Standby Current During Reset
(Note 4)
VCC = VCC max;
RESET# = VSS + 0.3 V/-0.1V
WP# = VCC or open, (Note 5)
0.2
5
µA
ICC5
Automatic Sleep Mode
(Notes 3, 4)
VCC = VCC max, VIH = VCC + 0.3 V,
VIL = VSS + 0.3 V/-0.1 V,
WP# = VCC or open, (Note 5)
0.2
5
µA
VIL
Input Low Voltage
-0.1
0.8
V
VIH
Input High Voltage
0.7 x VCC
VCC + 0.3
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 2.7–3.6 V
8.5
12.5
VOL
Output Low Voltage
IOL = 4.0 mA, VCC = VCC min
0.45
VOH1
Output High Voltage
IOH = -2.0 mA, VCC = VCC min
0.85 x VCC
VOH2
IOH = -100 µA, VCC = VCC min
VCC–0.4
VLKO
Low VCC Lock-Out Voltage
2.1
2.5


Similar Part No. - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL016J70TFI020

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
AMIC Technology
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008A AMICC-A29L008A Datasheet
462Kb / 34P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com