Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL032P0XMFI013 Datasheet(PDF) 64 Page - SPANSION

Part # S25FL032P0XMFI013
Description  32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL032P0XMFI013 Datasheet(HTML) 64 Page - SPANSION

Back Button S25FL032P0XMFI013 Datasheet HTML 60Page - SPANSION S25FL032P0XMFI013 Datasheet HTML 61Page - SPANSION S25FL032P0XMFI013 Datasheet HTML 62Page - SPANSION S25FL032P0XMFI013 Datasheet HTML 63Page - SPANSION S25FL032P0XMFI013 Datasheet HTML 64Page - SPANSION S25FL032P0XMFI013 Datasheet HTML 65Page - SPANSION S25FL032P0XMFI013 Datasheet HTML 66Page - SPANSION S25FL032P0XMFI013 Datasheet HTML 67Page - SPANSION S25FL032P0XMFI013 Datasheet HTML 68Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
64
S25FL032P
S25FL032P_00_08 October 30, 2012
Data
She e t
19.4
WNF008 — WSON 8-contact (6 x 8 mm) No-Lead Package
g1015 \ 16-038.30 \ 07.21.11
NOTES:
1.
DIMENSIONING AND TOLERANCING CONFORMS TO
ASME Y14.5M - 1994.
2.
ALL DIMENSIONS ARE IN MILLMETERS.
3.
N IS THE TOTAL NUMBER OF TERMINALS.
4
DIMENSION “b” APPLIES TO METALLIZED TERMINAL AND IS
MEASURED BETWEEN 0.15 AND 0.30mm FROM TERMINAL
TIP. IF THE TERMINAL HAS THE OPTIONAL RADIUS ON THE
OTHER END OF THE TERMINAL, THE DIMENSION “b”
SHOULD NT BE MEASURED IN THAT RADIUS AREA.
5
ND REFER TO THE NUMBER OF TERMINALS ON D SIDE.
6.
MAX. PACKAGE WARPAGE IS 0.05mm.
7.
MAXIMUM ALLOWABLE BURRS IS 0.076mm IN ALL DIRECTIONS.
8
PIN #1 ID ON TOP WILL BE LASER MARKED.
9
BILATERAL COPLANARITY ZONE APPLIES TO THE EXPOSED
HEAT SINK SLUG AS WELL AS THE TERMINALS.
10
A MAXIMUM 0.15mm PULL BACK (L1) MAY BE PRESENT.
SYMBOL
MIN
NOM
MAX
NOTE
e
1.27 BSC.
N
8
3
ND
4
5
L
0.45
0.50
0.55
b
0.35
0.40
0.45
4
D2
4.70
4.80
4.90
E2
5.70
5.80
5.90
D
6.00 BSC
E
8.00 BSC
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
K
0.20 MIN.
L1
0.00
---
0.15
10
PACKAGE
WNF008


Similar Part No. - S25FL032P0XMFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results

Similar Description - S25FL032P0XMFI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI000 SPANSION-S25FL032P0XMFI000 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com