Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C8101 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part No. C8101
Description  Tinned Copper conductor, FEP Insulation, twisted pairs, overall foil shied and FEP Jacketed Plenum Cable
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GENERAL [General Cable Technologies Corporation]
Homepage  http://www.generalcable.com
Logo 

C8101 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
E
V
DATE
CHANGE DETAIL
General Cable
20 Forge Park, Franklin, Ma 02038
Phone: 508-541-7100 Fax: 508-541-8122
Title:
C8101
Description:
1 PR 18 AWG Shielded Plenum Cable
Created By:
A 06/29/09
Initial Release -VM
Final Approval:
VM 6/29/09
PAGE 1 of 1
General Cable reserves the right to modify this information without prior notification and does not make a warranty or representation of any kind, whether implied or expressed with respect to the information contained
herein. General Cable assumes no risks, and will not be liable for direct or indirect, special; incidental or consequential damages, any defect or personal injury resulting from the use of this document.
Description:
Tinned Copper conductor, FEP Insulation, twisted pairs, overall foil shied and FEP Jacketed Plenum Cable.
A.
Construction:
1.0
Primaries:
1.1
Conductor:
AWG
Stranding
Nom. Dia
1.2
Insulation:
Material
Nom. thickness
Nom. OD
18 AWG
19/30 Tinned Copper;
.048"
FEP
.007”
.062"
2.0
Pair construction:
Two insulated conductors twisted together
2.1
No. of Pairs
1
2.2
Pair Color Code:
Black & Red
3.0
Overall shield:
3.1
Separator:
Polyester tape
3.2
Shield:
Aluminum/Polyester Tape; 100% coverage; (Aluminum Side out)
3.3
Drain Wire:
20 AWG Stranded Tinned Copper
4.0
Jacket
Material:
FEP
Nom. wall:
.016”
Color:
Red
5.0
Overall Diameter of Cable Nom.
.165”
6.0
Marking:
Surface Print:
GENERAL CABLE (F) C8101 2C 18 AWG SHIELDED CMP (UL) C(UL) ---- ROHS
AAAAA*
* Indicates Shop Order number
B.
Characteristics:
1.0
Conductor DC Resistance @20C Max. (Ohm):
5.5
2.0
Capacitance between conductors Nom. (pF/ft):
50
3.0
Capacitance Cond. To other Cond.& Shield Nom. (pF/ft):
95
4.0
Inductance Nom. (µH/ft):
.15
5.0
Shield Resistance Nom.(Ohms/1000’):
7.5
6.0
Velocity of propagation Nom.:
69
7.0
Characteristic Impedance Nom. (Ohms):
35
8.0
Operating Voltage Nom.:
300 V
9.0
Continuous Operating Temp:
200C
10.0
Min. Bend Radius (inches):
1.6
11.0
Max. Pulling Tension Lbs:
65
C.
Approvals:
UL –CMP ; C(UL) CMP


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn