Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX125 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74LVX125
Description  Low Voltage Quad Buffer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX125 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVX125 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX125 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX125 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX125 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX125 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX125 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics (Note 4)
Note 4: Input tr
tf
3 ns
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current
(IIK) VI
0.5V
20 mA
DC Input Voltage (VI)
0.5V to 7.0V
DC Output Diode Current (IOK)
VO
0.5V
20 mA
VO VCC  0.5V
20 mA
Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source/Sink Current (IO)
r25 mA
DC VCC or Ground Current
(ICC or IGND)
r50 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Dissipation
180 mW
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)
0V to 5.5V
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Input Rise and Fall Time (
't/'V)
0 ns/V to 100 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.5
1.5
Input Voltage
3.0
2.0
2.0
V
3.6
2.4
2.4
VIL
LOW Level
2.0
0.5
0.5
Input Voltage
3.0
0.8
0.8
V
3.6
0.8
0.8
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN VIL or
IOH 50 PA
Output Voltage
3.0
2.9
3.0
2.9
V
VIH
IOH 50 PA
3.0
2.58
2.48
IOH 4 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN VIL or
IOL 50 PA
Output Voltage
3.0
0.0
0.1
0.1
V
VIH
IOL 50 PA
3.0
0.36
0.44
IOL 4 mA
IOZ
3-STATE Output
3.6
r0.25
r2.5
PAVIN VIH or VIL
Off-State Current
VOUT VCC or GND
IIN
Input Leakage
3.6
r0.1
r1.0
PAVIN 5.5V or GND
Current
ICC
Quiescent Supply
3.6
4.0
40.0
PAVIN VCC or GND
Current
Symbol
Parameter
VCC
TA 25qC
Units
CL (pF)
(V)
Typ
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.3
0.8
V
50
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.3
0.8
V
50
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
2.0
V
50
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
0.8
V
50


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn