Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVX125 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74LVX125
Description  Low Voltage Quad Buffer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX125 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVX125 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX125 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX125 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX125 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX125 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX125 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012007
www.fairchildsemi.com
February 1994
Revised February 2005
74LVX125
Low Voltage Quad Buffer with 3-STATE Outputs
General Description
The LVX125 contains four independent non-inverting buff-
ers with 3-STATE outputs. The inputs tolerate voltages up
to 7V allowing the interface of 5V systems to 3V systems.
Features
s Input voltage level translation from 5V to 3V
s Ideal for low power/low noise 3.3V applications
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbol
IEEE/IEC
Pin Descriptions
Connection Diagram
Truth Table
H
HIGH Voltage Level
L
LOW Voltage Level
Z
High Impedance
X
Immaterial
Order Number
Package
Package Description
Number
74LVX125M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LVX125SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX125MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVX125MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Pin Names
Description
An
Inputs
OEn
Output Enable Inputs
On
Outputs
Inputs
Output
OEn
An
On
LLL
LH
H
HX
Z


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn