Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSA5888CYRMG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSA5888CYRMG
Description  Low Vcesat PNP Transistor High allowable power dissipation.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSA5888CYRMG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSA5888CYRMG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSA5888CYRMG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSA5888CYRMG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSA5888CYRMG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSA5888CYRMG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSA5888
Low Vcesat PNP Transistor
4/5
Version: B12
SOT-89 Mechanical Drawing
Marking Diagram
Y
= Year Code
M = Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug,
W=Sep, X=Oct, Y=Nov, Z=Dec)
L
= Lot Code
SOT-89 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017


Similar Part No. - TSA5888CYRMG

ManufacturerPart #DatasheetDescription
logo
StarHope
TSA58U SPSEMI-TSA58U Datasheet
120Kb / 5P
   TSA(240W) Series
More results

Similar Description - TSA5888CYRMG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSB772S TSC-TSB772S_07 Datasheet
249Kb / 4P
   Low Vcesat PNP Transistor
TSB1132 TSC-TSB1132_1 Datasheet
198Kb / 4P
   Low Vcesat PNP Transistor
TSB1424 TSC-TSB1424_07 Datasheet
232Kb / 4P
   Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412_11 Datasheet
249Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_13 Datasheet
106Kb / 4P
   Low Vcesat PNP Transistor
TSB1184A TSC-TSB1184A_1 Datasheet
314Kb / 4P
   Low Vcesat PNP Transistor
TSB1590 TSC-TSB1590_1 Datasheet
271Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_11 Datasheet
98Kb / 4P
   Low Vcesat PNP Transistor
TSB772 TSC-TSB772_07 Datasheet
225Kb / 4P
   Low Vcesat PNP Transistor
TSB1412 TSC-TSB1412 Datasheet
220Kb / 4P
   Low Vcesat PNP Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com