Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDZS3.9B Datasheet(PDF) 4 Page - Rohm

Part # UDZS3.9B
Description  High reliability, Can be mounted automatically using chip mounter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UDZS3.9B Datasheet(HTML) 4 Page - Rohm

  UDZS3.9B Datasheet HTML 1Page - Rohm UDZS3.9B Datasheet HTML 2Page - Rohm UDZS3.9B Datasheet HTML 3Page - Rohm UDZS3.9B Datasheet HTML 4Page - Rohm UDZS3.9B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.02 - Rev.D
Data Sheet
UDZS12B
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
IR DISPERSION MAP
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Ct DISPERSION MAP
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
ZENER CURRENT(mA)
Zz-Iz CHARACTERISTICS
Vz DISPERSION MAP
0.001
0.01
0.1
1
10
100
1000
01234
56789
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=9.0V
n=30pcs
AVE:0.1744nA
1
10
100
01
23
45
67
89
f=1MHz
10
11
12
13
14
15
16
17
18
19
20
AVE:15.40pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
10
11
12
13
14
Ta=25℃
Ta=-25℃
Ta=75℃
Ta=125℃
1
10
100
1000
0.1
1
10
11.7
11.8
11.9
12
12.1
12.2
AVE:12.00V
Ta=25℃
IZ=5mA
n=30pcs


Similar Part No. - UDZS3.9B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZS3.9B ROHM-UDZS3.9B Datasheet
158Kb / 5P
   Zener diode
UDZS3.9B ROHM-UDZS3.9B Datasheet
159Kb / 5P
   Zener diode
UDZS3.9B ROHM-UDZS3.9B Datasheet
221Kb / 5P
   Zener diode
UDZS3.9B ROHM-UDZS3.9B Datasheet
158Kb / 5P
   Zener diode
UDZS3.9B ROHM-UDZS3.9B Datasheet
135Kb / 5P
   Zener diode
More results

Similar Description - UDZS3.9B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZSTE-176.2B ROHM-UDZSTE-176.2B Datasheet
158Kb / 5P
   High reliability, Can be mounted automatically using chip mounter
UDZSTE-1718B ROHM-UDZSTE-1718B Datasheet
158Kb / 5P
   High reliability, Can be mounted automatically using chip mounter
UDZS15B ROHM-UDZS15B_12 Datasheet
159Kb / 5P
   Zener diode Can be mounted automatically, using chip mounter.
UDZS10B ROHM-UDZS10B_12 Datasheet
158Kb / 5P
   Constant voltage control Can be mounted automatically, using chip mounter.
logo
Taoglas antenna solutio...
LA.02 TAOGLAS-LA.02 Datasheet
1Mb / 20P
   Components can be mounted on opposite side of
logo
List of Unclassifed Man...
PIT66U ETC-PIT66U Datasheet
452Kb / 1P
   Fibers can be free cut using fiber cutter
logo
Highly Electric Co., Lt...
PB6151H-1-101 HIGHLY-PB6151H-1-101 Datasheet
1,016Kb / 3P
   Snap-in type, can be mounted directly on P.C.B Board.
logo
PHOENIX CONTACT
2701137 PHOENIX-2701137 Datasheet
109Kb / 4P
   User interface for Nanoline controllers. Mounts directly on the base unit. Can be mounted remotely using the mounting kit.
logo
Coilcraft lnc.
MS450RAA COILCRAFT-MS450RAA Datasheet
168Kb / 2P
   High-Reliability Chip Inductors
ML450RAB COILCRAFT-ML450RAB Datasheet
171Kb / 2P
   High-Reliability Chip Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com