Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74LVTH543 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74LVTH543
Description  Low Voltage Octal Registered Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74LVTH543 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating Conditions
Note 1: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied.
Note 2: IO Absolute Maximum Rating must be observed.
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
−0.5 to +4.6
V
VI
DC Input Voltage
−0.5 to +7.0
V
VO
DC Output Voltage
−0.5 to +7.0
Output in 3-STATE
V
−0.5 to +7.0
Output in HIGH or LOW State (Note 2)
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
IO
DC Output Current
64
VO > VCC Output at HIGH State
mA
128
VO > VCC Output at LOW State
ICC
DC Supply Current per Supply Pin
±64
mA
IGND
DC Ground Current per Ground Pin
±128
mA
TSTG
Storage Temperature
−65 to +150
°C
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
2.7
3.6
V
VI
Input Voltage
0
5.5
V
IOH
HIGH Level Output Current
−32
mA
IOL
LOW Level Output Current
64
TA
Free-Air Operating Temperature
−40
85
°C
∆t/∆V
Input Edge Rate, VIN = 0.8V–2.0V, VCC = 3.0V
0
10
ns/V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn