Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8207GQW Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8207GQW
Description  Complete DDRII/DDRIII Memory Power Supply Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8207GQW Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8207GQW Datasheet HTML 7Page - Richtek Technology Corporation RT8207GQW Datasheet HTML 8Page - Richtek Technology Corporation RT8207GQW Datasheet HTML 9Page - Richtek Technology Corporation RT8207GQW Datasheet HTML 10Page - Richtek Technology Corporation RT8207GQW Datasheet HTML 11Page - Richtek Technology Corporation RT8207GQW Datasheet HTML 12Page - Richtek Technology Corporation RT8207GQW Datasheet HTML 13Page - Richtek Technology Corporation RT8207GQW Datasheet HTML 14Page - Richtek Technology Corporation RT8207GQW Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
RT8207
11
DS8207-07 March 2011
www.richtek.com
VTTREF Output Voltage vs. Output Current
0.754
0.756
0.758
0.760
0.762
0.764
0.766
0.768
-10
-8
-6
-4
-2
0
24
68
10
Output Current (mA)
DDRIII, VIN = 12V, VDDQ = 1.5V, S3 = S5 = VDDP
VTTREF Output Voltage vs. Output Current
0.902
0.904
0.906
0.908
0.910
0.912
0.914
0.916
0.918
-10
-8-6
-4-2
0
2
4
6
8
10
Output Current (mA)
DDRII, VIN = 12V, VDDQ = 1.8V, S3 = S5 = VDDP
VTT Output Voltage vs. Output Current
0.9090
0.9095
0.9100
0.9105
0.9110
0.9115
0.9120
0.9125
0.9130
-2
-1.6 -1.2 -0.8 -0.4
0
0.4 0.8
1.2 1.6
2
Output Current (A)
DDRII, VIN = 12V, VDDQ = 1.8V, S3 = S5 = VDDP
VDDQ Output Voltage vs. Output Current
1.815
1.820
1.825
1.830
1.835
1.840
1.845
0.001
0.01
0.1
1
10
Output Current (A)
DEM
PWM
DDRII, VIN = 12V, VDDQ = 1.8V, S3 = GND, S5 = VDDP
VDDQ Output Voltage vs. Output Current
1.515
1.520
1.525
1.530
1.535
1.540
0.001
0.01
0.1
1
10
Output Current (A)
DEM
PWM
DDRIII, VIN = 12V, VDDQ = 1.5V, S3 = GND, S5 = VDDP
VTT Output Voltage vs. Output Current
0.7600
0.7605
0.7610
0.7615
0.7620
0.7625
0.7630
0.7635
-2
-1.6 -1.2 -0.8 -0.4
0
0.4
0.8 1.2
1.6
2
Output Current (A)
DDRIII, VIN = 12V, VDDQ = 1.5V, S3 = S5 = VDDP


Similar Part No. - RT8207GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8207L RICHTEK-RT8207L Datasheet
342Kb / 27P
   Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
RT8207LGQW RICHTEK-RT8207LGQW Datasheet
342Kb / 27P
   Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
RT8207LZQW RICHTEK-RT8207LZQW Datasheet
342Kb / 27P
   Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
RT8207M RICHTEK-RT8207M Datasheet
342Kb / 27P
   Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
RT8207MGQW RICHTEK-RT8207MGQW Datasheet
342Kb / 27P
   Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
More results

Similar Description - RT8207GQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8207L RICHTEK-RT8207L Datasheet
342Kb / 27P
   Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV Memory Power Supply Controller
RT8207P RICHTEK-RT8207P Datasheet
302Kb / 22P
   Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV/Low-Power DDRIV Memory Power Supply Controller
September 2016
logo
Global Mixed-mode Techn...
G5616 GMT-G5616 Datasheet
108Kb / 4P
   Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
logo
Richtek Technology Corp...
RT8248A RICHTEK-RT8248A Datasheet
292Kb / 21P
   Complete DDR Memory Power Supply Controller
April 2018
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
   Complete DDR Memory Power Supply Controller
April 2021
logo
STMicroelectronics
PM6670S STMICROELECTRONICS-PM6670S Datasheet
717Kb / 53P
   Complete DDR2/3 memory power supply controller
PM6670 STMICROELECTRONICS-PM6670 Datasheet
682Kb / 53P
   Complete DDR2/3 memory power supply controller
AN2798 STMICROELECTRONICS-AN2798 Datasheet
1Mb / 38P
   Complete DDR2/3 memory power supply
logo
Semtech Corporation
SC488 SEMTECH-SC488 Datasheet
806Kb / 24P
   Complete DDR1/2/3 Memory Power Supply
SC480 SEMTECH-SC480 Datasheet
846Kb / 25P
   Complete DDR1/2/3 Memory Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com