Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVTH322374 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74LVTH322374
Description  Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs (Preliminary)
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH322374 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVTH322374 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH322374 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH322374 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH322374 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH322374 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH322374 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Preliminary
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 4: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 5: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 6: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 7)
Note 7: Characterized in SSOP package. Guaranteed parameter, but not tested.
Note 8: Max number of outputs defined as (n). n
−1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Capacitance (Note 9)
Note 9: Capacitance is measured at frequency f
= 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC
T A = −40°C to +85°C
Units
Conditions
(V)
Min
Max
ICCZ+
Power Supply Current
(VCC1 or VCC2)
3.6
0.19
mA
VCC ≤ VO ≤ 5.5V,
Outputs Disabled
∆I
CC
Increase in Power Supply Current (VCC1 or VCC2)
3.6
0.2
mA
One Input at VCC − 0.6V
(Note 6)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
TA = 25°C
Units
Conditions
(V)
Min
Typ
Max
CL = 50 pF, RL = 500Ω
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 8)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
−0.8
V
(Note 8)
Symbol
Parameter
TA = −40°C to +85°C, CL = 50 pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
160
160
MHz
tPHL
Propagation Delay
2.2
4.9
2.2
5.1
ns
tPLH
CP to On
2.0
5.3
2.0
6.2
tPZL
Output Enable Time
1.8
4.9
1.8
6.0
ns
tPZH
1.8
5.6
1.8
6.9
tPLZ
Output Disable Time
2.0
5.0
2.0
5.1
ns
tPHZ
2.4
5.4
2.4
5.7
tS
Setup Time
1.8
2.0
ns
tH
Hold Time
0.8
0.1
ns
tW
Pulse Width
3.0
3.0
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = OPEN, VI = 0V or VCC
4pF
COUT
Output Capacitance
VCC = 3.0V, VO = 0V or VCC
8pF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVTH162374Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT322373Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT322245Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162373Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT162244Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX32374Low Voltage 32-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCH162374Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX162374Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26Ω Series Resistors 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn