Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C6311 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C6311
Description  2C 20 7/28 BC PVC UNJACKETED Sound, Alarm & Security Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C6311 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C6311 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C6311
Date:
11/5/2007
Revision Level:
0
2C 20 7/28 BC PVC UNJACKETED
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Cable:
#20 AWG 7/28 Bare Copper
0.024" Wall Polyvinyl Chloride
0.036” nom.
2C @ 4.00" LHL
0.172" nom.
0.084” nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
60C
150V
10.3 Ohms/1000 ft nom
22.28 pF/ft @ 1kHz nom
102 Ohms @ 1MHz nom
National Electrical Code
Article 726
1
2
White - White
Brown - Brown
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C6311

ManufacturerPart #DatasheetDescription
logo
Powerbox
C631 POWERBOX-C631 Datasheet
501Kb / 1P
   500 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Kemet Corporation
C631 KEMET-C631 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
General Cable Technolog...
C6310 GENERAL-C6310 Datasheet
72Kb / 1P
   2C 22 7/30 BC PVC UNJACKETED Sound, Alarm & Security Cable
C6312 GENERAL-C6312 Datasheet
73Kb / 1P
   2C 18 7/.0152 BCTC PVC UNJACKETED Sound, Alarm & Security Cable
C6313 GENERAL-C6313 Datasheet
73Kb / 1P
   3C 18 7/0.015 BC PVC UNJACKETED Sound, Alarm & Security Cable
More results

Similar Description - C6311

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E1022S GENERAL-E1022S Datasheet
73Kb / 1P
   2C 20 7/28 BC SR-PVC PVC Sound, Alarm & Security Cable
C6310 GENERAL-C6310 Datasheet
72Kb / 1P
   2C 22 7/30 BC PVC UNJACKETED Sound, Alarm & Security Cable
C6312 GENERAL-C6312 Datasheet
73Kb / 1P
   2C 18 7/.0152 BCTC PVC UNJACKETED Sound, Alarm & Security Cable
E2022S GENERAL-E2022S Datasheet
73Kb / 1P
   2C 20 7/28 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E3022S GENERAL-E3022S Datasheet
73Kb / 1P
   2C 20 7/28 BC FLEX FLEX Sound, Alarm & Security Cable
C6313 GENERAL-C6313 Datasheet
73Kb / 1P
   3C 18 7/0.015 BC PVC UNJACKETED Sound, Alarm & Security Cable
E1023S GENERAL-E1023S Datasheet
73Kb / 1P
   3C 20 7/28 BC SR-PVC PVC Sound, Alarm & Security Cable
E1024S GENERAL-E1024S Datasheet
73Kb / 1P
   4C 20 7/28 BC SR-PVC PVC Sound, Alarm & Security Cable
C4408ST GENERAL-C4408ST Datasheet
73Kb / 1P
   2C 22 7/.0096 BC PVC NS PVC Sound, Alarm & Security Cable
E1032S GENERAL-E1032S Datasheet
73Kb / 1P
   2C 18 7/26 BC SR-PVC PVC Sound, Alarm & Security Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com