Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRT12 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SRT12
Description  1.0AMP. Schottky Barrier Rectifiers Low power loss, high efficiency
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SRT12 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SRT12_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SRT12_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SRT12_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SRT12_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Version:F12
RATINGS AND CHARACTERISTIC CURVES (SRT12 THRU SRT115)
0.00
0.25
0.50
0.75
1.00
1.25
0
25
50
75
100
125
150
175
LEAD TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
SRT15 - SRT115
SRT12 - SRT14
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 4- TYPICAL REVERSE
CHARACTERISTICS
TA=25℃
TA=75℃
TA=125℃
SRT19-SRT115
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
SRT19-SRT115
SRT15-SRT16
SRT12-SRT14
0.1
1
10
100
0.1 0.3
0.5
0.7
0.9 1.1
1.3
1.5
1.7 1.9
2.1
FORWARD VOLTAGE (V)
FIG. 3- TYPICAL INSTANEOUS
FORWARD CHARACTERISTICS
SRT12-SRT14
SRT15-SRT16
SRT19-SRT110
TA=25oC
Pulse Width=300μs
1% Duty Cycle
SRT115
0.1
1
10
100
0.01
0.1
1
10
100
PILSE DURATION, (sec)
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS


Similar Part No. - SRT12_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRT12 TSC-SRT12_1 Datasheet
160Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SRT12 TSC-SRT12_10 Datasheet
576Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
SRT12 TSC-SRT12_14 Datasheet
204Kb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - SRT12_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR4020PT TSC-SR4020PT_13 Datasheet
245Kb / 3P
   40.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR30H100CT TSC-MBR30H100CT_13 Datasheet
228Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR10H100CT TSC-MBR10H100CT_13 Datasheet
224Kb / 3P
   10.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR2035CT TSC-MBR2035CT_13 Datasheet
242Kb / 3P
   20.0 AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR735 TSC-MBR735_13 Datasheet
263Kb / 3P
   7.5 AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
MBR2535CT TSC-MBR2535CT_13 Datasheet
231Kb / 3P
   25.0 AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
SRAS2020 TSC-SRAS2020_13 Datasheet
256Kb / 4P
   20.0AMPS. Surface Mount Schottky Barrier Rectifiers Low power loss, high efficiency
logo
First Components Intern...
SR320 FCI-SR320_1 Datasheet
343Kb / 2P
   3.0 Amp SCHOTTKY BARRIER RECTIFIERS LOW POWER LOSS 혰 HIGH EFFICIENCY
logo
Shenzhen Luguang Electr...
SS12T LUGUANG-SS12T Datasheet
1Mb / 3P
   1.0AMP. Low VF Schottky Barrier Rectifiers
Revision:20181014-P1
logo
SeCoS Halbleitertechnol...
SCK130LP SECOS-SCK130LP Datasheet
299Kb / 2P
   1.0AMP Low Vf Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com