Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I401-966A3F-20.000 Datasheet(PDF) 1 Page - ILSI America LLC

Part # I401-966A3F-20.000
Description  Leaded Oscillator, OCXO Metal Package, Full Size DIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I401-966A3F-20.000 Datasheet(HTML) 1 Page - ILSI America LLC

  I401-966A3F-20.000 Datasheet HTML 1Page - ILSI America LLC I401-966A3F-20.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Leaded Oscillator, OCXO
Metal Package, Full Size DIP
I401
Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
01/11_C
Specifications subject to change without notice
Page 1
12.6
20.7
15.24
12
3
4
Dimension Units: mm
Pin Connection
1 Control Voltage
2
GND
3
Output
4
Vcc
I401 Package
0.86
0.048
6 Min.
10 Max.
7.62
Product Features:
Applications:
Available in Both Sinewave and
Telecommunications
HCMOS/TTL Compatible outputs
Data Communications
RoHS Compliant
Instrumentation
Test and Measurement
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise.
* Frequency, supply, and load related parameters.
Frequency
1.000 MHz to 50.000 MHz
Output Level
HC-MOS
TTL
Sine
‘0’ = 0.1 Vcc Max., ‘1’ = 4.5 VDC Min.
‘0’ = 0.4 VDC Max., ‘1’ = 2.4 VDC Min.
+4dBm, ±3dBm
Duty Cycle
50% ±10% or ±5% See Table
Rise / Fall Time
10 nS Max.
Output Load
HC-MOS
TTL
Sine
See Output Table
15 pF
50 ohms
Frequency Stability
See Frequency Stability Table
Supply Voltage
See Supply Voltage Table
Current (Warm Up)
Current @ 25 C
400 mA @ 5 VDC, 170 mA @ 12 VDC Max.
120 mA @ 5 VDC, 60 mA @ 12 VDC Typ.
Control Voltage
2.5 VDC ±2.0 VDC, ±8 ppm Min.
Slope
Positive
Operating
See Operating Temperature Table in Part Number Guide
Storage
-55C to +125C
Part NumberGuide
Sample Part Number: I401-5151YV-20.000 MHz
Package
Input
Voltage
Operating
Temperature
Symmetry
(Duty Cycle)
Output
Frequency
Stability
(in ppm)
Voltage
Control
Frequency
I401 -
3 = 3.3 V
7 = 0
 C to +50 C
5 = 45 / 55 Max.
1 = 10 TTL / 15pF HC-MOS
N =
1.0
V = Controlled
-20.000 MHz
5 = 5.0 V
1 = 0
 C to +70 C
6 = 40 /60 Max.
3 = 15pF HC-MOS
Y =
0.5
F = Fixed
9 = 12 V
6 = -10
 C to +75 C
6 = 30pF
1 =
0.25
3 = -20
 C to +70 C
A = Sine
2 =
0.1
3 =
0.05*


Similar Part No. - I401-966A3F-20.000

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
I400 PF-I400 Datasheet
420Kb / 1P
   AC Current Clamp
logo
ILLUMINANT CO., LTD
I4001-6XXT4827A ILLUMINANT-I4001-6XXT4827A Datasheet
873Kb / 12P
   PRODUCT SPECIFICATION FOR LCM
logo
ILSI America LLC
I405 ILSI-I405 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
I405-31511FA-20.000 ILSI-I405-31511FA-20.000 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
I405-31511FS-20.000 ILSI-I405-31511FS-20.000 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
More results

Similar Description - I401-966A3F-20.000

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I123 ILSI-I123 Datasheet
43Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
logo
Suntsu Electronics, Inc...
SOCFSC SUNTSU-SOCFSC Datasheet
466Kb / 3P
   Metal Full Size DIP CMOS OCXO
SOCFSS SUNTSU-SOCFSS Datasheet
476Kb / 3P
   Metal Full Size DIP Sinewave OCXO
logo
ILSI America LLC
I212 ILSI-I212 Datasheet
47Kb / 2P
   Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
I202 ILSI-I202 Datasheet
48Kb / 2P
   Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
logo
Mercury United Electron...
OC14E MERCURY-OC14E Datasheet
175Kb / 2P
   Full size 4 pin DIP full metal package
OC14T MERCURY-OC14T Datasheet
175Kb / 2P
   Full size 4 pin DIP full metal package
logo
Suntsu Electronics, Inc...
SXOFSC SUNTSU-SXOFSC Datasheet
371Kb / 3P
   Metal Full lf Size DIP CMOS Oscillator
logo
ILSI America LLC
I405 ILSI-I405 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com