Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT574MTCX_NL Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LVT574MTCX_NL
Description  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT574MTCX_NL Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVT574MTCX_NL Datasheet HTML 1Page - Fairchild Semiconductor 74LVT574MTCX_NL Datasheet HTML 2Page - Fairchild Semiconductor 74LVT574MTCX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74LVT574MTCX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74LVT574MTCX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74LVT574MTCX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74LVT574MTCX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74LVT574MTCX_NL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating Conditions
Note 2: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied.
Note 3: IO Absolute Maximum Rating must be observed.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 4.6
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
DC Output Voltage
0.5 to 7.0
Output in 3-STATE
V
0.5 to 7.0
Output in HIGH or LOW State (Note 3)
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
IO
DC Output Current
64
VO ! VCC Output at HIGH State
mA
128
VO ! VCC Output at LOW State
ICC
DC Supply Current per Supply Pin
r64
mA
IGND
DC Ground Current per Ground Pin
r128
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
2.7
3.6
V
VI
Input Voltage
0
5.5
V
IOH
HIGH-Level Output Current
32
mA
IOL
LOW-Level Output Current
64
mA
TA
Free-Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V
0
10
ns/V
Symbol
Parameter
VCC
(V)
T A 40qC to 85qC
Units
Conditions
Min
Typ
Max
(Note 4)
VIK
Input Clamp Diode Voltage
2.7
1.2
V
II 18 mA
VIH
Input HIGH Voltage
2.7–3.6
2.0
V
VO d 0.1V or
VIL
Input LOW Voltage
2.7–3.6
0.8
V
VO t VCC  0.1V
VOH
Output HIGH Voltage
2.7–3.6
VCC  0.2
V
IOH 100 PA
2.7
2.4
IOH 8 mA
3.0
2.0
IOH 32 mA
VOL
Output LOW Voltage
2.7
0.2
V
IOL 100 PA
2.7
0.5
IOL 24 mA
3.0
0.4
IOL 16 mA
3.0
0.5
IOL 32 mA
3.0
0.55
IOL 64 mA
II(HOLD)
Bushold Input Minimum Drive
3.0
75
PA
VI 0.8V
(Note 5)
75
VI 2.0V
II(OD)
Bushold Input Over-Drive
3.0
500
PA
(Note 6)
(Note 5)
Current to Change State
500
(Note 7)
II
Input Current
3.6
10
PA
VI 5.5V
Control Pins
3.6
r1VI 0V or VCC
Data Pins
3.6
5VI 0V
1VI VCC
IOFF
Power Off Leakage Current
0
r100
PA0V d VI or VO d 5.5V
IPU/PD
Power Up/Down 3-STATE
0–1.5V
r100
PA
VO 0.5V to 3.0V
Output Current
VI GND or VCC
IOZL
3-STATE Output Leakage Current
3.6
5
PAVO 0.5V
IOZH
3-STATE Output Leakage Current
3.6
5
PAVO 3.0V


Similar Part No. - 74LVT574MTCX_NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVT574MTC ONSEMI-74LVT574MTC Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVT574MTC FAIRCHILD-74LVT574MTC_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74LVT574MTCX_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
103Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com