Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVTH16835 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74LVTH16835
Description  Low Voltage 18-Bit Universal Bus Driver with 3-STATE Outputs (Preliminary)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH16835 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVTH16835 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH16835 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH16835 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH16835 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH16835 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH16835 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH16835 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary
www.fairchildsemi.com
2
Connection Diagram
Pin Descriptions
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
↑ = HIGH-to-LOW Clock Transition
Note 1: Output level before the indicated steady-state input conditions
were established, provided that CLK was HIGH before LE went LOW.
Note 2: Output level before the indicated steady-state input conditions
were established.
Logic Diagram
Pin Names
Description
A1–A18
Data Register Inputs
Y1–Y18
3-STATE Outputs
CLK
Clock Pulse Input
OE
Output Enable Input
LE
Latch Enable Input
Inputs
Output
Y
OE
LE
CLK
A
HX
X
X
Z
LH
X
L
L
LH
X
H
H
LL
LL
LL
HH
LL
H
X
Y0 (Note 1)
LL
L
X
Y0 (Note 2)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVTH16500 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary 1  2  3  4  5  More Fairchild Semiconductor
74LVTH16501 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary 1  2  3  4  5  More Fairchild Semiconductor
74VCX162835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor
TC74VCX162835FT LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor
74ALVC162835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX16835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCXF162835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC16835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVCF162835 Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1  2  3  4  5  More Fairchild Semiconductor
TC74VCX16835FT LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1  2  3  4  5  More Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn