Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMUN5313DW1T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # SMUN5313DW1T1G
Description  Dual Bias Resistor Transistors
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5313DW1T1G Datasheet(HTML) 4 Page - ON Semiconductor

  SMUN5313DW1T1G Datasheet HTML 1Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 2Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 3Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 4Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 5Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 6Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 7Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 8Page - ON Semiconductor SMUN5313DW1T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MUN5311DW1T1G, SMUN5311DW1T1G, NSVMUN5311DW1T1G Series
http://onsemi.com
4
Characteristic
Unit
Max
Typ
Min
Symbol
ON CHARACTERISTICS (Note 3)
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
MUN5311DW1T1G, SMUN5311DW1T1G
MUN5312DW1T1G, SMUN5312DW1T1G
MUN5314DW1T1G, SMUN5314DW1T1G
MUN5315DW1T1G, SMUN5315DW1T1G
MUN5316DW1T1G
MUN5330DW1T1G, SMUN5330DW1T1G
MUN5331DW1T1G
MUN5332DW1T1G, NSVMUN5332DW1T1G
MUN5333DW1T1G, NSVMUN5333DW1T1G
MUN5334DW1T1G, NSVMUN5334DW1T1G
MUN5335DW1T1G, SMUN5335DW1T1G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
MUN5313DW1T1G, SMUN5313DW1T1G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
MUN5311DW1T1G, SMUN5311DW1T1G
MUN5312DW1T1G, SMUN5312DW1T1G
MUN5313DW1T1G, SMUN5313DW1T1G
MUN5314DW1T1G, SMUN5314DW1T1G
MUN5333DW1T1G, NSVMUN5333DW1T1G
MUN5334DW1T1G, NSVMUN5334DW1T1G
MUN5335DW1T1G, SMUN5335DW1T1G
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
MUN5330DW1T1G, SMUN5330DW1T1G
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
MUN5315DW1T1G, SMUN5315DW1T1G
MUN5316DW1T1G
MUN5331DW1T1G
MUN5332DW1T1G, NSVMUN5332DW1T1G
VOH
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
4.9
Vdc
Input Resistor
MUN5311DW1T1G, SMUN5311DW1T1G
MUN5312DW1T1G, SMUN5312DW1T1G
MUN5313DW1T1G, SMUN5313DW1T1G
MUN5314DW1T1G, SMUN5314DW1T1G
MUN5315DW1T1G, SMUN5315DW1T1G
MUN5316DW1T1G
MUN5330DW1T1G, SMUN5330DW1T1G
MUN5331DW1T1G
MUN5332DW1T1G, NSVMUN5332DW1T1G
MUN5333DW1T1G, NSVMUN5333DW1T1G
MUN5334DW1T1G, NSVMUN5334DW1T1G
MUN5335DW1T1G, SMUN5335DW1T1G
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
k W
Resistor Ratio
MUN5311DW1T1G/SMUN5311DW1T1G/MUN5312DW1T1G/
SMUN5312DW1T1G/MUN5313DW1T1G/SMUN5313DW1T1G
MUN5314DW1T1G/SMUN5314DW1T1G
MUN5315DW1T1G/SMUN5315DW1T1G/MUN5316DW1T1G
MUN5330DW1T1G/SMUN5330DW1T1G/MUN5331DW1T1G/
MUN5332DW1T1G/NSVMUN5332DW1T1G
MUN5333DW1T1G/NSVMUN5333DW1T1G
MUN5334DW1T1G/NSVMUN5334DW1T1G
MUN5335DW1T1G/SMUN5335DW1T1G
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.0
0.21
1.0
0.1
0.47
0.047
1.2
0.25
1.2
0.185
0.56
0.056
3. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%


Similar Part No. - SMUN5313DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5313DW1T1G ONSEMI-SMUN5313DW1T1G Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
SMUN5313DW1T1G ONSEMI-SMUN5313DW1T1G Datasheet
105Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
More results

Similar Description - SMUN5313DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com