Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR30150PT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR30150PT
Description  30.0AMPS. Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR30150PT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR30150PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR30150PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR30150PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
UL Recognized File # E-326243
Dual rectifier construction, positive center-tap
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
Epitaxial construction
Mechanical Data
SR3020PT
TO-3P
30 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
mA
mA
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Note 2 : Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Version:E12
Ordering Information (example)
Part No.
Package
Packing
Packing
code
Green Compound
Packing code
C0G
Operating Junction Temperature Range
- 65 to + 125
- 65 to + 150
Storage Temperature Range
- 65 to + 150
Note 1 : 300 us Pulse Width, 2% Duty Cycle
Typical Junction Capacitance (Note 2)
750
500
340
Typical Thermal Resistance Per Leg
1.5
V
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=100
oC
IR
1.0
0.5
20
15
10
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
300
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 15 A
VF
0.55
0.70
0.90
1.00
Units
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
30
SR
3040
PT
SR
3050
PT
SR
3060
PT
SR
3090
PT
SR
30100
PT
SR
30150
PT
Mounting position: Any
Weight: 6.12 grams
Type Number
Symbol
SR
3020
PT
SR
3030
PT
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed:
260
oC/10 seconds, 0.17"(4.3mm) lead lengths
at 5 lbs., (2.3kg) tension
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Cases: JEDEC TO-3P/TO-247AD molded plastic
Terminals: Pure tin plated, lead free, solderable per
MIL-STD-750, Method 2026
Polarity: As marked
SR3020PT - SR30150PT
30.0AMPS. Schottky Barrier Rectifiers
TO-3P/TO-247AD
Features
Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
High surge reliabbility


Similar Part No. - SR30150PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR30150PT TSC-SR30150PT Datasheet
218Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
SR30150PT TSC-SR30150PT Datasheet
618Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
SR30150PT TSC-SR30150PT Datasheet
219Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
SR30150PT HORNBY-SR30150PT Datasheet
285Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
HY ELECTRONIC CORP.
SR30150PT HY-SR30150PT Datasheet
416Kb / 3P
   Schottky Barrier Recitifiers
More results

Similar Description - SR30150PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR3035PT TSC-MBR3035PT_11 Datasheet
133Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
MBR30H100CT TSC-MBR30H100CT Datasheet
128Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_13 Datasheet
234Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers
MBR3035CT TSC-MBR3035CT_11 Datasheet
218Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR30L45CT KERSEMI-MBR30L45CT Datasheet
893Kb / 2P
   30.0AMPS Low VF Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR30L45CT TSC-MBR30L45CT_12 Datasheet
190Kb / 2P
   30.0AMPS Low VF Schottky Barrier Rectifiers
MBR30L120CT TSC-MBR30L120CT Datasheet
126Kb / 2P
   30.0AMPS. Low VF Schottky Barrier Rectifiers
MBR30L45CT TSC-MBR30L45CT Datasheet
129Kb / 2P
   30.0AMPS Low VF Schottky Barrier Rectifiers
MBRI30100CT TSC-MBRI30100CT_11 Datasheet
142Kb / 2P
   30.0AMPS Schottky Barrier Rectifier
MBR30H100CT TSC-MBR30H100CT_13 Datasheet
228Kb / 3P
   30.0AMPS. Schottky Barrier Rectifiers Low power loss, high efficiency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com