Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV3011DTBR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV3011DTBR2G
Description  Synchronous PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3011DTBR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV3011DTBR2G Datasheet HTML 4Page - ON Semiconductor NCV3011DTBR2G Datasheet HTML 5Page - ON Semiconductor NCV3011DTBR2G Datasheet HTML 6Page - ON Semiconductor NCV3011DTBR2G Datasheet HTML 7Page - ON Semiconductor NCV3011DTBR2G Datasheet HTML 8Page - ON Semiconductor NCV3011DTBR2G Datasheet HTML 9Page - ON Semiconductor NCV3011DTBR2G Datasheet HTML 10Page - ON Semiconductor NCV3011DTBR2G Datasheet HTML 11Page - ON Semiconductor NCV3011DTBR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
NCP3011, NCV3011
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9. Transconductance vs. Input Voltage and
Temperature
Figure 10. Input Undervoltage Lockout vs.
Temperature
Figure 11. Output Voltage Thresholds vs. Input
Voltage and Temperature
TEMPERATURE (°C)
125
110
50
5
−40
1.24
1.255
1.27
1.285
1.30
1.315
1.33
Vin = 12 V, 28 V
−25 −10
20
35
65
80
95
Vin = 5 V
1.345
1.36
1.375
1.39
TEMPERATURE (°C)
125
110
50
5
−40
3.9
4.0
4.1
4.2
4.3
4.4
UVLO Rising Threshold
−25 −10
20
35
65
80
95
TEMPERATURE (°C)
125
110
50
5
−40
500
600
700
800
−25 −10
20
35
65
80
95
900
1100
UVLO Falling Threshold
PG_Upper, Vin = 5 − 28 V
PG_Lower, Vin = 5 − 28 V
Figure 12. Power Good Output Low Voltage vs.
Input Voltage and Temperature
TEMPERATURE (°C)
125
110
50
5
−40
150
175
200
225
250
275
300
Vin = 5, 12, 28 V
−25 −10
20
35
65
80
95
IPG = 4 mA
Figure 13. Enable Thresold vs. Input Voltage and
Temperature
Figure 14. Enable Pullup Current vs. Input Voltage
and Temperature
1000
325
350
TEMPERATURE (°C)
125
110
50
5
−40
1.0
1.25
1.5
1.75
2.0
2.25
2.5
Vin = 12 V, 28 V
−25 −10
20
35
65
80
95
Vin = 5 V
2.75
3.0
3.25
3.5
Rising Threshold
Falling Threshold
Vin = 12 V, 28 V
Vin = 5 V
TEMPERATURE (°C)
125
110
50
5
−40
30
35
40
45
50
55
60
Vin = 5, 12, 28 V
−25 −10
20
35
65
80
95
65
70
OOV, Vin = 5 − 28 V
OUV, Vin = 5 − 28 V


Similar Part No. - NCV3011DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
469Kb / 29P
   Synchronous PWM Controller
July, 2018 - Rev. 5
More results

Similar Description - NCV3011DTBR2G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
   Synchronous PWM Controller
September, 2015 ??Rev. 4
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com