Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP380LSNAJAAT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP380LSNAJAAT1G
Description  Fixed / Adjustable Current-Limiting Power-Distribution Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP380LSNAJAAT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP380LSNAJAAT1G Datasheet HTML 1Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 2Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 3Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 4Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 5Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 6Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 7Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 8Page - ON Semiconductor NCP380LSNAJAAT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2012
February, 2012 − Rev. 10
1
Publication Order Number:
NCP380/D
NCP380, NCV380
Fixed / Adjustable Current-
Limiting Power-Distribution
Switches
The NCP380 is a high side power−distribution switch designed for
applications where heavy capacitive loads and short−circuits are likely
to be encountered. The device includes an integrated 55 m
W (DFN
package), P−channel MOSFET. The device limits the output current to
a desired level by switching into a constant−current regulation mode
when the output load exceeds the current−limit threshold or a short is
present. The current−limit threshold is either user adjustable between
100 mA and 2.1 A via an external resistor or internally fixed. The
power−switch rise and fall times are controlled to minimize current
ringing during switching.
An internal reverse−voltage detection comparator disables the
power−switch if the output voltage is higher than the input voltage to
protect devices on the input side of the switch.
The FLAG logic output asserts low during over current,
reverse−voltage or over temperature conditions. The switch is
controlled by a logic enable input active high or low.
Features
2.5 V – 5.5 V Operating Range
70 mW High−Side MOSFET
Current Limit:
User adjustable from 100 mA to 2.1 A
Fixed 500 mA, 1 A, 1.5 A, 2 A and 2.1 A
Under Voltage Lock−out (UVLO)
Built−in Soft−start
Thermal Protection
Soft Turn−off
Reverse Voltage Protection
Junction Temperature Range: −40°C to 125°C
Enable Active High or Low (EN or EN)
Compliance to IEC61000−4−2 (Level 4)
8.0 kV (Contact)
15 kV (Air)
UL Listed − File No. E343275
AEC−Q100 Qualified and PPAP Capable
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements
These are Pb−Free Devices
Typical Applications
Laptops
USB Ports/Hubs
TVs
UDFN6
MU SUFFIX
CASE 517AB
MARKING
DIAGRAMS
http://onsemi.com
XX M
1
2
3
6
5
4
1
5
TSOP−5
SN SUFFIX
CASE 483
1
5
XXXAYWG
G
(Note: Microdot may be in either location)
1
TSOP−6
SN SUFFIX
CASE 318G
XXX = Specific Device Code
A
=Assembly Location
M
= Date Code
Y
= Year
W
= Work Week
G
= Pb−Free Package
XXXAYWG
G
1
See detailed ordering and shipping information in the package
dimensions section on page 21 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP380LSNAJAAT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP380LSNAJAAT1G ONSEMI-NCP380LSNAJAAT1G Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380LSNAJAAT1G ONSEMI-NCP380LSNAJAAT1G Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
More results

Similar Description - NCP380LSNAJAAT1G

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com