Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR16150 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR16150
Description  16.0AMPS. Schottky Barrier Rectifiers High reliabbility
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR16150 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR16150 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR16150 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR16150 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:G12
RATINGS AND CHARACTERISTIC CURVES (SR1620 THRU SR16150)
0.0
4.0
8.0
12.0
16.0
20.0
0
50
100
150
CASE TEMPERATURE (oC)
FIG. 1- MAXIMUM FORWARD CURRENT DERATING
CURVE
SR1650-16150
SR1620-1640
RESISTIVE OF
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
TA=25℃
TA=75℃
TA=100℃
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
PER LEG
SR1650-16150
SR1620-1640
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
PER LEG
SR1650-1660
SR1620-1640
SR1690-16100
SR16150
0.1
1
10
100
0.01
0.1
1
10
100
PULSE DURATION. (sec)
FIG. 6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS


Similar Part No. - SR16150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR16150 TSC-SR16150 Datasheet
218Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
SR16150 SAMYANG-SR16150 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SR16150 MIC-SR16150 Datasheet
58Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SR16150 SECOS-SR16150 Datasheet
193Kb / 2P
   16.0AMP Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
SR16150 JINANJINGHENG-SR16150 Datasheet
85Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR16150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRA820 TSC-SRA820_13 Datasheet
246Kb / 3P
   8.0AMPS. Schottky Barrier Rectifiers High reliabbility
SR2020 TSC-SR2020_13 Datasheet
229Kb / 3P
   20.0AMPS. Schottky Barrier Rectifiers High reliabbility
SR1620 TSC-SR1620_11 Datasheet
187Kb / 2P
   16.0AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_13 Datasheet
245Kb / 3P
   16.0AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620_11 Datasheet
200Kb / 2P
   16.0AMPS. Schottky Barrier Rectifiers
SRA2020 TSC-SRA2020_13 Datasheet
236Kb / 3P
   20.0 AMPS. Schottky Barrier Rectifiers High reliabbility
SRF1620 TSC-SRF1620_11 Datasheet
193Kb / 2P
   16.0AMPS. Isolated Schottky Barrier Rectifiers
MBRS1635 TSC-MBRS1635_13 Datasheet
264Kb / 4P
   16.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS1635 TSC-MBRS1635_11 Datasheet
164Kb / 2P
   16.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS1620 TSC-SRS1620_11 Datasheet
126Kb / 2P
   16.0Amps Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com