Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP15XW15303RC Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XW15303RC
Description  NTC Thermistors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XW15303RC Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NCP15XW15303RC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP15XW15303RC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP15XW15303RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15XW15303RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15XW15303RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XW15303RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XW15303RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XW15303RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XW15303RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
R44E.pdf
Dec.17,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
qProduct ID
wIndividual Specifications
uLead Wire Type
iShape of the Lead Wire Kink
NTC Thermistor for Temperature Sensor Thermo String Type
NXF
NTC Thermistors Sensor Thermo String Type
A
ø0.3 Copper Lead Wire with Polyurethane Coat
1
2
Shape of the Lead Wire Kink
Product ID
Code
Lead Wire Type
Code
(Part Number)
tResistance
Expressed by three figures. The unit is (
Ω). The first and second
figures are significant digits, and the third figure expresses the
number of zeros which follow the two figures.
103
473
104
Ex.
10k
Ω
47k
Ω
100k
Ω
Code
Resistance
The Twist of Lead Wire Type
Standard Type
T
Commercial Type
Code
yResistance Tolerance
F
±1%
Code
Resistance Tolerance
oPackaging
B
Bulk
Code
Packaging
!0Dimensions (Full Length)
025
030
040
050
060
070
080
090
100
110
120
130
140
150
25mm
30mm
40mm
50mm
60mm
70mm
80mm
90mm
100mm
110mm
120mm
130mm
140mm
150mm
Code
Dimensions (Full Length)
Individual Specifications
rTemperature Characteristics
XH
WB
WF
Nominal B-Constant 3350–3399K
Nominal B-Constant 4050–4099K
Nominal B-Constant 4250–4299K
Code
Temperature Characteristics
eChip Dimensions
15
1.00 x 0.50mm
Code
Dimensions (LxT)
0402
EIA
t
103
w
T
e
15
r
XH
y
F
u
A
i
2
o
B
!0
025
NXF
q


Similar Part No. - NCP15XW15303RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XW15303RC MURATA-NCP15XW15303RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15XW15303RC MURATA-NCP15XW15303RC Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP15XW15303RC MURATA-NCP15XW15303RC Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP15XW15303RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com