Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVTH16501MEA Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVTH16501MEA
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH16501MEA Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVTH16501MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH16501MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH16501MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH16501MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH16501MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH16501MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH16501MEA Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 11: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 12)
Note 12: Capacitance is measured at frequency f
= 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA = −40°C to +85°C, CL = 50 pF, RL = 500 Ω
Units
VCC = 3.3 ± 0.3V
VCC = 2.7V
MinMax
MinMax
fMAX
CLKAB or CLKBA to B or A
150
150
MHz
tPLH
Propagation Delay
1.3
5.1
1.3
5.6
ns
tPHL
Data to Outputs
1.3
4.7
1.3
5.3
tPLH
Propagation Delay
1.5
5.5
1.5
6.1
ns
tPHL
LEBA or LEAB to B or A
1.5
5.1
1.5
5.7
tPLH
Propagation Delay
1.3
56
1.3
6.2
ns
tPHL
CLKBA or CLKAB to B or A
1.3
5.1
1.3
5.7
tPZH
Output Enable Time
1.3
4.9
1.3
5.6
ns
tPZL
1.3
5.4
1.3
6.2
tPHZ
Output Disable Time
1.7
5.9
1.7
6.6
ns
tPLZ
1.7
5.8
1.7
6.3
tS
Setup Time
A before CLKAB
2.1
2.4
ns
B before CLKBA
2.1
2.4
A or B before LE, CLK HIGH
2.4
1.6
A or B before LE, CLK LOW
2.4
1.6
tH
Hold Time
A or B after CLK
1.0
1.0
ns
A or B after LE
1.7
1.7
tW
Pulse Width
LE HIGH
3.3
3.3
ns
CLK HIGH or LOW
3.3
3.3
tOSLH
Output to Output Skew (Note 11)
1.0
1.0
ns
tOSHL
1.0
1.0
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = 0V, VI = 0V or VCC
4pF
CI/O
Input/Output Capacitance
VCC = 3.0V, VO = 0V or VCC
8pF


Similar Part No. - 74LVTH16501MEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVTH16501DGGRE4 TI-74LVTH16501DGGRE4 Datasheet
204Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16501DLRG4 TI-74LVTH16501DLRG4 Datasheet
204Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVTH16501MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH16500 FAIRCHILD-74LVTH16500 Datasheet
67Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary
74LVTH16835 FAIRCHILD-74LVTH16835 Datasheet
62Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3-STATE Outputs (Preliminary)
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16600 TI1-SN54ABT16600_14 Datasheet
143Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16500B TI-SN54ABT16500B Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com