Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR802 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SR802
Description  8.0AMPS. Schottky Barrier Rectifiers High reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR802 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SR802 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR802 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR802 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR802 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ordering information
DO-201AD
52mm
A0
DO-201AD
52mm
R0
DO-201AD
B0
DO-201AD
X0
AB
Z
T
E
L1-L2∣
DD1
D0
W
±0.5
±1.5
MAX
±0.4
MAX
MAX
±0.3
±0.4
±1.0
DO-201AD
10
52.4
1.2
6
0.8
1
330
85.7
16.6
76
Unit (mm)
Symbol
A
B
C
D
Part No.
Package
Packing
INNER
TAPE
Packing
code
Green Compound
Packing code
SR8xx
(Note)
500 / AMMO box
A0G
1.25K / 13" Reel
R0G
500 / Bulk packing
B0G
500 / Bulk packing
X0G
1.2
4.0
1.6
Note: "xx" is Device Code from "02" thru "15".
AXIAL LEAD TAPING SPECIFICATIONS
Outline
Suggested Mounting Hole Rule
Unit(mm)
9.0


Similar Part No. - SR802

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR802 TSC-SR802 Datasheet
60Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802 Datasheet
163Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
logo
Shanghai Lunsure Electr...
SR802 CHENYI-SR802 Datasheet
52Kb / 2P
   8Amp schottky barrier rectifier 20-100 volts
logo
EIC discrete Semiconduc...
SR802 EIC-SR802 Datasheet
93Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Taiwan Semiconductor Co...
SR802 TSC-SR802 Datasheet
567Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR802

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRA820 TSC-SRA820_11 Datasheet
219Kb / 2P
   8.0AMPS. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS860L CHONGQING-PS860L Datasheet
197Kb / 1P
   8.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRA820 TSC-SRA820_13 Datasheet
246Kb / 3P
   8.0AMPS. Schottky Barrier Rectifiers High reliabbility
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
   8.0AMPS. Isolated Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820_13 Datasheet
257Kb / 4P
   8.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820_11 Datasheet
137Kb / 2P
   8.0AMPS. Surface Mount Schottky Barrier Rectifiers
SR202 TSC-SR202_13 Datasheet
258Kb / 4P
   2.0AMPS. Schottky Barrier Rectifiers High reliability
SR302 TSC-SR302_13 Datasheet
256Kb / 4P
   3.0AMPS Schottky Barrier Rectifiers High reliability
SR102 TSC-SR102_13 Datasheet
258Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers High reliability
SR502 TSC-SR502_13 Datasheet
262Kb / 4P
   5.0AMPS. Schottky Barrier Rectifiers High reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com