Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKM17EPPH4001-B0 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # PKM17EPPH4001-B0
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKM17EPPH4001-B0 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  PKM17EPPH4001-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKM17EPPH4001-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKM17EPPH4001-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PKM17EPPH4001-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PKM17EPPH4001-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PKM17EPPH4001-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKM17EPPH4001-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKM17EPPH4001-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKM17EPPH4001-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
!Note
P37E.pdf
Feb.1,2012
• Please read rating and
!CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
2
o Part Numbering
y
-1R5
e
B
w
N
r
-31R2
t
DM
u i
L
o
10
q
7
qProduct ID
wMaterial
eProduct
uWith Feedback Electrode
oIndividual Specification Code
Piezoelectric Diaphragms
7
Ceramic Material
C
e
B
N
S
Brass
Nickel Alloy
SUS
B
Piezoelectric Diaphragms
Two digits express the shape of ceramics.
With Feedback Electrode
Without Feedback Electrode
With lead (available for RoHS)
No lead (omitted)
Product
10
Individual Specification Code
Product ID
Code
Metal Plate Material
Code
Code
iProduct Specification
L
e
Code
With Feedback Electrode
Product Specification
Code
(Part Number)
rMetal Plate Diameter
-31R2
Metal Plate Diameter
Code
A hyphen (-) plus four-digit alphanumerics
express metal plate outer dimensions. A
decimal point is expressed by the capital letter
"R."
tForm of Piezoelectric Style
DM
Form of Piezoelectric Style
Code
yResonant Frequency Type
-1R5
Resonant Frequency (kHz)
Code
A hyphen (-) and three-digit alphanumerics
express resonant frequency. A decimal point is
expressed by the capital letter "R."
These digits express a lead length, lead
number, and the presence/absence of a
connector.
If there is no decimal point, the decimal point code is omitted.
For an Ag electrode, this digit remains blank; the corresponding code is
omitted.
If there is no decimal point, the decimal point code is omitted.
If the product has no individual specification, the corresponding code is
omitted.


Similar Part No. - PKM17EPPH4001-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM17EPPH4001-B0 MURATA-PKM17EPPH4001-B0 Datasheet
219Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
Murata Manufacturing Co...
PKM17EPPH4001-B0 MURATA1-PKM17EPPH4001-B0 Datasheet
348Kb / 8P
   Specification of Piezoelectric Sounder
December 27, 2017
logo
Murata Manufacturing Co...
PKM17EPPH4001-B0 MURATA-PKM17EPPH4001-B0_17 Datasheet
219Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
Murata Manufacturing Co...
PKM17EPPH4001-B0 MURATA1-PKM17EPPH4001-B0_V01 Datasheet
348Kb / 8P
   Specification of Piezoelectric Sounder
December 27, 2017
More results

Similar Description - PKM17EPPH4001-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM41CC471R2A3L MURATA-NFM41CC471R2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com