Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKM17EPP-2002-B0 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # PKM17EPP-2002-B0
Description  EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKM17EPP-2002-B0 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button PKM17EPP-2002-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PKM17EPP-2002-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PKM17EPP-2002-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PKM17EPP-2002-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PKM17EPP-2002-B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PKM17EPP-2002-B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PKM17EPP-2002-B0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PKM17EPP-2002-B0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PKM17EPP-2002-B0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Piezoelectric Sound Components
Piezoelectric Sounders External Drive Pin Type
Microcomputers are widely used for microwave
ovens, air conditioners, cars, toys, timers, and
alarm equipment. Externally driven piezoelectric
sounders are used in digital watches, electronic
calculators, telephones and other equipment.
They are driven by a signal (ex.: 2048Hz or 4096Hz)
from an LSI and provide melodious sound.
c Features
1. Low power consumption
2. No contacts; therefore, noiseless and highly reliable
c Applications
1. Various office equipment such as PPCs, printers and
keyboards
2. Audible feedback-response to some action or input.
3. Confirmation sound of various audio equipment
2–ø0.5
2–ø1.0
ø12.6
5.0
2–ø2.5
(in mm)
Tol.: ±0.5
PKM13EPYH4002-B0
R1.0
2-ø1.2
2-ø3.5
10.0
ø17.0
Terminal of
marking
side should be connected
to hot side of D.C.
(in mm)
Tol.: ±0.5
PKM17EPP-2002-B0
0.8
Part Number
PKM17EPPH4001-B0
PKM17EPPH4002-B0
6.5
3.5
ø17.0
10.0
R1.0
2-ø
1.2
2-ø
3.5
(in mm)
Tol.: ±0.5
PKM17EPPH4001-B0
12.6
Hole Pattern
(Reference)
23.0
2-ø1.5
ø22.0
4.0
1.6
Part Number
PKM22EPH2001
PKM22EPH2002
PKM22EPH2003
4.0
8.0
12.0
(in mm)
Tol.: ±0.5
PKM22EPH2001
ø22.0
10.0
R1.0
2–ø1.2
2–ø3.5
(in mm)
Tol.: ±0.5
Part Number
PKM22EPPH2001-B0
PKM22EPPH2002-B0
6.5
3.5
0.8
PKM22EPPH2001-B0
ø22.0
10.0
R1.0
2–ø1.2
2–ø3.5
(in mm)
Tol.: ±0.5
Part Number
PKM22EPPH4001-B0
PKM22EPPH4002-B0
6.5
3.5
0.8
PKM22EPPH4001-B0
Continued on the following page.
P37E.pdf
Feb.1,2012
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
2


Similar Part No. - PKM17EPP-2002-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PKM17EPP-2002-B0 MURATA-PKM17EPP-2002-B0 Datasheet
269Kb / 13P
   Piezoelectric Sounders External Drive Pin Type
PKM17EPP-2002-B0 MURATA-PKM17EPP-2002-B0 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
Murata Manufacturing Co...
PKM17EPP-2002-B0 MURATA1-PKM17EPP-2002-B0 Datasheet
339Kb / 8P
   Specification of Piezoelectric Sounder
August 1, 2017
logo
Murata Manufacturing Co...
PKM17EPP-2002-B0 MURATA-PKM17EPP-2002-B0_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
Murata Manufacturing Co...
PKM17EPP-2002-B0 MURATA1-PKM17EPP-2002-B0_V01 Datasheet
339Kb / 8P
   Specification of Piezoelectric Sounder
August 1, 2017
More results

Similar Description - PKM17EPP-2002-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18CC223R1C3D MURATA-NFM18CC223R1C3D Datasheet
103Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC471R1H3D MURATA-NFM21CC471R1H3D Datasheet
45Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC222R1H3D MURATA-NFM21CC222R1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM41CC471R2A3L MURATA-NFM41CC471R2A3L Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
NFM21CC220U1H3D MURATA-NFM21CC220U1H3D Datasheet
104Kb / 2P
   EMIFIL (Capacitor type) Single Circuit Type for Signal Lines NFM21C Series (0805 Size)
NFM3DCC222R1H3L MURATA-NFM3DCC222R1H3L Datasheet
95Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Signal Lines
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM41PC204F1H3L MURATA-NFM41PC204F1H3L Datasheet
47Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFL18ST107X1C3D MURATA-NFL18ST107X1C3D Datasheet
39Kb / 1P
   Capacitor Type for Signal Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com