Electronic Components Datasheet Search |
|
S2008D Datasheet(PDF) 7 Page - Littelfuse |
|
S2008D Datasheet(HTML) 7 Page - Littelfuse |
7 / 12 page Data Sheets SCRs ©2004 Littelfuse, Inc. E6 - 7 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 Figure E6.1 Maximum Allowable Ambient Temperature versus RMS On-state Current Figure E6.2 Maximum Allowable Ambient Temperature versus Average On-state Current Figure E6.3 Peak Capacitor Discharge Current (6 A through 55 A) Figure E6.4 Peak Capacitor Discharge Current Derating (6 A through 55 A) Figure E6.5 Maximum Allowable Case Temperature versus RMS On-state Current (1 A) Figure E6.6 Maximum Allowable Case Temperature versus RMS On-state Current (6 A, 8 A, and 10 A) 20 40 60 80 100 120 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ FREE AIR RATING RMS On-state Current [IT(RMS)] – Amps 8 A TO-220 (Non-isolated) 6 A TO-220 (Isolated) and 6 A TO-202 (Types 1 and 3) 1 A TO-92 6 A TO-202 (Types 2 and 4) and 6 A TO-251 20 40 60 80 100 120 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Average On-state Current [IT(AV)] – Amps 8 A TO-220 (Non-isolated) 6 A TO-220 (Isolated) and 6 A TO-202 (Types 1 and 3) 1 A TO-92 6 A TO-202 (Types 2 and 4) and 6 A TO-251 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ FREE AIR RATING 0.5 1.0 2.0 5.0 10 20 50 20 50 100 200 300 1000 Pulse Current Duration (tw) – ms tw ITM tw = 5 times constants 6 A to 10 A Devices 12 A Devices 25 A Devices 55 A Devices 15 A and 16 A Devices 25 50 75 100 125 0 0.2 0.4 0.6 0.8 1.0 Case Temperature (TC) – ˚C 50 60 70 80 90 100 110 120 130 RMS On-state Current [IT(RMS)] – Amps 0 0.4 0.8 1.2 0.6 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180˚ CASE TEMPERATURE: Measure as shown on dimensional drawing 1.0 0.2 1 A Devices 02 46 8 10 12 50 60 70 80 90 100 110 120 130 CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 180º CASE TEMPERATURE: Measure as shown on dimensional drawings RMS On-state Current [IT(RMS)] – Amps 8 A TO-220 (Isolated) and 8 A TO-202 6 A Devices 8 A TO-220 (Non-isolated) TO-251 and TO-252 10 A TO-220 (Isolated) and 10 A TO-202 |
Similar Part No. - S2008D |
|
Similar Description - S2008D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |