Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ17 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # SMCJ17
Description  1500 Watts Suface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMCJ17 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  SMCJ17 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMCJ17 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMCJ17 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMCJ17 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMCJ17 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMCJ17 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMCJ17 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SMC
R7
SMC
R6
SMC
M6
Tape & Reel specification
AB
C
D
N
G
T
±2.0
±0.4
+0.5;-0.2
min
±1.0
+0.8;-0
max
7"
16mm
178
1.9
13
21
62
16.2
18.6
AB
C
D
N
G
T
max
±0.5
±0.5
min
±0.5
+2.0;-0
max
13"
16mm
330
2
13
20.2
75
16.4
22.4
Unit (mm)
Symbol
A
B
C
D
E
Ordering information
Part No.
Package
Packing
Packing
code
Green Compound
Packing code
SMCJxx
(Note)
850 / 7" REEL
R7G
3K / 13" REEL
R6G
3K / 13" Plsatic REEL
M6G
Note: "x" is Device Code from "5.0" thru "170".
Reel Size Tape Size
Reel Size Tape Size
Suggested PAD Layout
Unit(mm)
3.3
2.5
6.8
4.4
9.3


Similar Part No. - SMCJ17

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ17 DCCOM-SMCJ17 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMCJ17 JUXING-SMCJ17 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Yangzhou yangjie electr...
SMCJ17 YANGJIE-SMCJ17 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMCJ17 LUGUANG-SMCJ17 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Diodes Incorporated
SMCJ17 DIODES-SMCJ17 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ17

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMCJ TSC-SMCJ_11 Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_11 Datasheet
151Kb / 5P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_11 Datasheet
171Kb / 5P
   600 Watts Suface Mount Transient Voltage Suppressor
SMAJ TSC-SMAJ_13 Datasheet
319Kb / 7P
   400 Watts Suface Mount Transient Voltage Suppressor
SMBJ TSC-SMBJ_13 Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_11 Datasheet
133Kb / 4P
   600 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_13 Datasheet
239Kb / 6P
   400 Watts Suface Mount Transient Voltage Suppressor
P4SMA TSC-P4SMA_11 Datasheet
114Kb / 4P
   400 Watts Suface Mount Transient Voltage Suppressor
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com