Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVTH162374 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74LVTH162374
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH162374 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVTH162374 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH162374 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH162374 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH162374 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH162374 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH162374 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH162374 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH162374 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Logic Symbol
Connection Diagrams
Pin Assignments for SSOP and TSSOP
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Tables
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
HIGH Impedance
Oo
Previous Oo before HIGH-to-LOW of CP
Pin Names
Description
OEn
Output Enable Input (Active LOW)
CPn
Clock Pulse Input
I0–I15
Inputs
O0–O15
3-STATE Outputs
NC
No Connect
1
234
56
A
O0
NC
OE1
CP1
NC
I0
B
O2
O1
NC
NC
I1
I2
C
O4
O3
VCC
VCC
I3
I4
D
O6
O5
GND
GND
I5
I6
E
O8
O7
GND
GND
I7
I8
F
O10
O9
GND
GND
I9
I10
G
O12
O11
VCC
VCC
I11
I12
H
O14
O13
NC
NC
I13
I14
J
O15
NC
OE2
CP2
NC
I15
Inputs
Outputs
CP1
OE1
I0–I7
O0–O7

LH
H

LL
L
LL
X
Oo
XH
X
Z
Inputs
Outputs
CP2
OE2
I8–I15
O8–O15

LH
H

LL
L
LL
X
Oo
XH
X
Z


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVTH322374Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162373Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCH162374Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT162244Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXH162374Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX162374Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26Ω Series Resistors 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH162374Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn