Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT573MSA Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LVT573MSA
Description  Low Voltage Octal Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT573MSA Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVT573MSA Datasheet HTML 1Page - Fairchild Semiconductor 74LVT573MSA Datasheet HTML 2Page - Fairchild Semiconductor 74LVT573MSA Datasheet HTML 3Page - Fairchild Semiconductor 74LVT573MSA Datasheet HTML 4Page - Fairchild Semiconductor 74LVT573MSA Datasheet HTML 5Page - Fairchild Semiconductor 74LVT573MSA Datasheet HTML 6Page - Fairchild Semiconductor 74LVT573MSA Datasheet HTML 7Page - Fairchild Semiconductor 74LVT573MSA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 4: All typical values are at VCC 3.3V, TA
25
qC.
Note 5: Applies to bushold versions only (74LVTH573).
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 8: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
Dynamic Switching Characteristics (Note 9)
Note 9: Characterized in SOIC package. Guaranteed parameter, but not tested.
Note 10: Max number of outputs defined as (n). n
1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Note 11: All typical values are at VCC
3.3V, TA
25
qC.
Note 12: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 13)
Note 13: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC
(V)
T A 40qC to 85qC
Units
Conditions
Min
Typ
Max
(Note 4)
IOZH
3-STATE Output Leakage Current
3.6
10
PAVCC  VO d 5.5V
ICCH
Power Supply Current
3.6
0.19
mA
Outputs HIGH
ICCL
Power Supply Current
3.6
5
mA
Outputs LOW
ICCZ
Power Supply Current
3.6
0.19
mA
Outputs Disabled
ICCZ
Power Supply Current
3.6
0.19
mA
VCC d VO d 5.5V,
Outputs Disabled
'ICC
Increase in Power Supply Current
3.6
0.2
mA
One Input at VCC  0.6V
(Note 8)
Other Inputs at VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Min
Typ
Max
CL 50 pF, RL 500:
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.8
V
(Note 10)
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.8
V
(Note 10)
Symbol
Parameter
TA 40qC to 85qC
CL 50 pF, RL 500:
Units
VCC 3.3V r 0.3V
VCC 2.7V
Min
Typ
(Note 11)
Max
Min
Max
tPHL
Propagation Delay
1.5
4.4
1.5
4.9
ns
tPLH
Dn to On
1.5
4.1
1.5
4.7
tPHL
Propagation Delay
1.9
4.4
1.9
4.9
ns
tPLH
LE to On
1.9
4.4
1.9
5.0
tPZL
Output Enable Time
1.5
5.1
1.5
6.6
ns
tPZH
1.5
5.1
1.5
5.9
tPLZ
Output Disable Time
2.0
4.6
2.0
4.9
ns
tPHZ
2.0
4.9
2.0
5.5
tS
Setup Time, Dn to LE
0.7
0.6
ns
tH
Hold Time, Dn to LE
1.5
1.7
ns
tW
LE Pulse Width
3.0
3.0
ns
tOSHL
Output to Output Skew (Note 12)
1.0
1.0
ns
tOSLH
1.0
1.0
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC Open, VI 0V or VCC
4pF
COUT
Output Capacitance
VCC 3.0V, VO 0V or VCC
6pF


Similar Part No. - 74LVT573MSA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVT573MSA ONSEMI-74LVT573MSA Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
More results

Similar Description - 74LVT573MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVT373 FAIRCHILD-74LVT373 Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVTH373 FAIRCHILD-74LVTH373_08 Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com