Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP03XM10205RL Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # NCP03XM10205RL
Description  NTC Thermistors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03XM10205RL Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button NCP03XM10205RL Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03XM10205RL Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03XM10205RL Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03XM10205RL Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP03XM10205RL Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP03XM10205RL Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP03XM10205RL Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP03XM10205RL Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NCP03XM10205RL Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
NTC Thermistors
Temperature Sensor and Compensation 0402 (1005) Size
Chip NTC Thermistor have Ni barrier termination
and provide excellent solderability and offer high
stability in environment by unique inner construction.
c Features
1. Excellent solderability and high stability in
environment
2. Excellent long time aging stability
3. High accuracy in resistance and B-Constant
4. Reflow soldering possible
5. Same B-constant in the same resistance in the three
sizes (0805 size / 0603 size / 0402 size)
Easy to use smaller size in the circuits
6. NCP series are recognized by UL/cUL.
(UL1434, File No.E137188)
c Applications
1. Temperature compensation for transistor, IC and
crystal oscillator in mobile communications
2. Temperature sensor for rechargeable batteries
3. Temperature compensation of LCD
4. Temperature compensation in general use of electric
circuits
Electrode
(Ag System + Ni Plating + Sn Plating)
0.25±0.10
0.25±0.10
1.0±0.05
(in mm)
Part Number
Resistance
(25°C)
(ohm)
B-Constant
(25-50°C)
(K)
B-Constant
(25-80°C)
(Reference Value) (K)
B-Constant
(25-85°C)
(Reference Value) (K)
B-Constant
(25-100°C)
(Reference Value) (K)
Permissive Operating
Current (25°C)
(mA)
Rated Electric
Power (25°C)
(mW)
Typical Dissipation
Constant (25°C)
(mW/°C)
NCP15XC220
p03RC
22
3100 ±3%
3126
3128
3136
6.70
100
1
NCP15XC330
p03RC
33
3100 ±3%
3126
3128
3136
5.50
100
1
NCP15XC470
p03RC
47
3100 ±3%
3126
3128
3136
4.60
100
1
NCP15XC680
p03RC
68
3100 ±3%
3126
3128
3136
3.80
100
1
NCP15XF101
p03RC
100
3250 ±3%
3282
3284
3296
3.10
100
1
NCP15XF151
p03RC
150
3250 ±3%
3282
3284
3296
2.50
100
1
NCP15XM221
p03RC
220
3500 ±3%
3539
3545
3560
2.10
100
1
NCP15XM331
p03RC
330
3500 ±3%
3539
3545
3560
1.70
100
1
NCP15XQ471
p03RC
470
3650 ±2%
3688
3693
3706
1.40
100
1
NCP15XQ681
p03RC
680
3650 ±3%
3688
3693
3706
1.20
100
1
NCP15XQ102
p03RC
1.0k
3650 ±2%
3688
3693
3706
1.00
100
1
NCP15XW152
p03RC
1.5k
3950 ±3%
3982
3987
3998
0.81
100
1
NCP15XW222
p03RC
2.2k
3950 ±3%
3982
3987
3998
0.67
100
1
NCP15XW332
p03RC
3.3k
3950 ±3%
3982
3987
3998
0.55
100
1
NCP15XM472
p03RC
4.7k
3500 ±2%
3539
3545
3560
0.46
100
1
NCP15XW472
p03RC
4.7k
3950 ±3%
3982
3987
3998
0.46
100
1
NCP15XW682
p03RC
6.8k
3950 ±3%
3982
3987
3998
0.38
100
1
NCP15XH103D03RC
10k ±0.5% 3380 ±0.7%
3428
3434
3455
0.31
100
1
NCP15XH103F03RC
10k ±1%
3380 ±1%
3428
3434
3455
0.31
100
1
NCP15XH103
p03RC
10k
3380 ±1%
3428
3434
3455
0.31
100
1
NCP15XV103
p03RC
10k
3900 ±3%
3930
3934
3944
0.31
100
1
NCP15XW153
p03RC
15k
3950 ±3%
3982
3987
3998
0.25
100
1
NCP15XW223
p03RC
22k
3950 ±3%
3982
3987
3998
0.21
100
1
NCP15WL223
p03RC
22k
4485 ±1%
4537
4543
4557
0.21
100
1
NCP15WB333
p03RC
33k
4050 ±3%
4101
4108
4131
0.17
100
1
NCP15WL333
p03RC
33k
4485 ±1%
4537
4543
4557
0.17
100
1
Continued on the following page.
R44E.pdf
Dec.17,2012
8
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2


Similar Part No. - NCP03XM10205RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03XM10205RL MURATA-NCP03XM10205RL Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XM10205RL MURATA-NCP03XM10205RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XM10205RL MURATA-NCP03XM10205RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP03XM10205RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com