Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVTH125 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74LVTH125
Description  Low Voltage Quad Buffer with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH125 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVTH125 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH125 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH125 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH125 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH125 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH125 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH125 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH125 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 10: All typical values are at VCC
3.3V, TA
25
qC.
Note 11: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 12)
Note 12: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883B, Method 3012.
Symbol
Parameter
TA 40qC to 85qC
Units
CL 50 pF, RL 500:
VCC 3.3V r 0.3V
VCC 2.7V
Min
Typ
Max
Min
Max
(Note 10)
tPLH
Propagation Delay Data to Output
1.0
3.5
1.0
4.5
ns
tPHL
1.0
3.9
1.0
4.9
tPZH
Output Enable Time
1.0
4.0
1.0
5.5
ns
tPZL
1.1
4.0
1.1
5.4
tPHZ
Output Disable Time
1.5
4.5
1.5
5.7
ns
tPLZ
1.3
4.5
1.3
4.0
tOSHL
Output to Output Skew
1.0
1.0
ns
tOSLH
(Note 11)
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC 0V, VI 0V or VCC
4pF
COUT
Output Capacitance
VCC 3.0V, VO 0V or VCC
8pF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn