Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4016-1 Datasheet(PDF) 60 Page - Tyco Electronics

Part # 4016-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4016-1 Datasheet(HTML) 60 Page - Tyco Electronics

Back Button 4016-1 Datasheet HTML 56Page - Tyco Electronics 4016-1 Datasheet HTML 57Page - Tyco Electronics 4016-1 Datasheet HTML 58Page - Tyco Electronics 4016-1 Datasheet HTML 59Page - Tyco Electronics 4016-1 Datasheet HTML 60Page - Tyco Electronics 4016-1 Datasheet HTML 61Page - Tyco Electronics 4016-1 Datasheet HTML 62Page - Tyco Electronics 4016-1 Datasheet HTML 63Page - Tyco Electronics 4016-1 Datasheet HTML 64Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 134 page
background image
60
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Power Double Lock (PDL) Connectors (Wire-to-Board and Wire-to-Wire) (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Quick Reference Chart for Mating Part Numbers
Quick Reference Chart
Part No. of
Part No. of
Part No. of
No. of
Applicable
No. of
Cap Housing and
Applicable
Pos.
Part No.
Double Lock Plate
Pos.
Tab Header
Double Lock Plate
I
3.96 mm and 7.92 mm Centerline
1
316768-
316770-1x1
1
316769-
(Free-Hanging)
316770-1x1
179463-
(Free-Hanging)
177918-1x1
2
177898-
177918-1x1
2
177906-
(Panel Mount)
179838-
(PC Board Mount)
179464-
(Free-Hanging)
177919-1x1
3
177899-
177919-1x1
3
177907-
(Panel Mount)
179839-
(PC Board Mount)
2
179844-
(PC Board Mount 7.92 mm Centerline)
4 (1 Row)
316501-
177920-1x1
4
316502-
(Panel Mount)
177920-1x1
179465-
(Free-Hanging)
177918-1x2
4 (2 Rows)
177900-
177918-1x2
4
177908-
(Panel Mount)
179840-
(PC Board Mount)
179466-
(Free-Hanging)
177919-1x2
6
177901-
177919-1x2
6
177909-
(Panel Mount)
179841-
(PC Board Mount)
8
177902-
177920-1x2
8
179467-
(Free-Hanging)
177920-1x2
917845-
(PC Board Mount)
9
177903-
177919-1x3
9
177911-
(Panel Mount)
177919-1x3
10
177904-
177921-1x2
10
177912-
(Panel Mount)
177921-1x2
177913-
(Panel Mount)
177920-1x3
12
177905-
177920-1x3
12
179843-
(PC Board Mount)
1903720-1 (Free-Hanging)
177920-1x3
I
6.5 mm and 13.0 mm Centerline
2
1939344-1
316061-1x1
2
1939343-1 (Panel Mount)
3
179938-
316062-1x1
3
179846-
(PC Board Mount)
179944-
(PC Board Mount/SMT)
——
2
917745-
(PC Board Mount 13 mm Centerline)
9139343-1-
(Panel Mount)
4 (1 Row)
179939-
316063-1x1
179847-
(PC Board Mount)
4
179945-
(PC Board Mount/SMT)
4 (2 Rows)
179861-
316061-1x2
179848-
(PC Board Mount)
1903486-1 (Panel Mount)
6
179862-
316062-1x2
6
179849-
(PC Board Mount)
1903487-1 (Panel Mount)
12
917354-
353891-1x2
12
917353-
(PC Board Mount)
*For details on 6.5 mm and 13.0 mm Centerline products, contact Technical Support
Note: All part numbers are RoHS Compliant.
Plug Connector (Wire Side)
Mating Connectors (Wire and PC Board Mount Side)
Housing
Note: All dimensions shown are metric.


Similar Part No. - 4016-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4016-2 MACOM-4016-2 Datasheet
5Mb / 100P
   M Series Pin and Socket Connectors
More results

Similar Description - 4016-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com