Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4016-1 Datasheet(PDF) 20 Page - Tyco Electronics

Part # 4016-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4016-1 Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 4016-1 Datasheet HTML 16Page - Tyco Electronics 4016-1 Datasheet HTML 17Page - Tyco Electronics 4016-1 Datasheet HTML 18Page - Tyco Electronics 4016-1 Datasheet HTML 19Page - Tyco Electronics 4016-1 Datasheet HTML 20Page - Tyco Electronics 4016-1 Datasheet HTML 21Page - Tyco Electronics 4016-1 Datasheet HTML 22Page - Tyco Electronics 4016-1 Datasheet HTML 23Page - Tyco Electronics 4016-1 Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
Header
20
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Micro MATE-N-LOK 3 mm Connector System (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Connector Application —
Wire-to-PCB
Single Row
Receptacle
Contact
Housing
I
I
-794606-I
I
, I
I
-794607-I
I
,
I
I
-794610-I
I
, I
I
-794611-I
I
(Page 22)
I
I
-1445022-I
I
(Page 23)
Vertical Through-Hole, with Retention Feature on
Soldertail and Polarization Feature to PCB
I
I
-1445050-I
I
, I
I
-1445084-I
I
, I
I
-1445093-I
I
(Page 30)
Vertical Through-Hole, with Metal Through-Hole Hold-down
I
I
-1445051-I
I
, I
I
-1445085-I
I
, I
I
-1445094-I
I
(Page 31)
Low Profile, Single Row
I
I
-2029030-I
I
, I
I
-2029102-I
I
(Page 29)
Vertical Surface Mount, with Metal Through-Hole Hold-down
I
I
-1445052-I
I
, I
I
-1445086-I
I
, I
I
-1445095-I
I
(Page 32)
Vertical Surface Mount, with Surface Mount Hold-down
I
I
-1445053-I
I
, I
I
-1445087-I
I
, I
I
-1445096-I
I
(Page 33)
Right-angle, Through-Hole, with Metal Through-Hole Hold-down
I
I
-1445054-I
I
, I
I
-1445088-I
I
, I
I
-1445097-I
I
(Page 38)
Right-angle, Through-Hole, with Plastic Boardlock
I
I
-1445055-I
I
, I
I
-1445089-I
I
, I
I
-1445098-I
I
(Page 39)
Right-angle, Surface Mount, with Metal Through-Hole Hold-down
I
I
-1445056-I
I
, I
I
-1445090-I
I
, I
I
-1445099-I
I
(Page 40)
Right-angle, Surface Mount, with Surface Mount Hold-down
I
I
-1445057-I
I
, I
I
-1445091-I
I
, I
I
-1445100-I
I
(Page 41)
Right-angle, Surface Mount, and Plastic Boardlock
I
I
-1445058-I
I
, I
I
-1445092-I
I
, I
I
-1445101-I
I
(Page 42)
I
I
-794606-I
I
, I
I
-794607-I
I
,
I
I
-794610-I
I
, I
I
-794611-I
I
(Page 29)
I
I
-2029047-I
I
, I
I
-2029102-I
I
,
I
I
-2029030-I
I
, I
I
-2029104-I
I
,
(Page 29)
Low Profile, Single Row


Similar Part No. - 4016-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4016-2 MACOM-4016-2 Datasheet
5Mb / 100P
   M Series Pin and Socket Connectors
More results

Similar Description - 4016-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586038-8 MACOM-1586038-8 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com