Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS1001G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SFS1001G
Description  10.0AMPS Surface Mount Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFS1001G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SFS1001G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFS1001G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFS1001G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFS1001G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tape & Reel specification
AB
C
D
N
G
T
max
±0.5
±0.5
min
±0.5
+2.0;-0
max
13"
24mm
330
2
13
20.2
75
24.4
30.4
Unit (mm)
Symbol
A
B
C
D
E
F
G
1.1
3.5
16.9
9.5
2.5
Reel Size Tape Size
Suggested PAD Layout
Unit(mm)
10.8
7


Similar Part No. - SFS1001G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1001G TSC-SFS1001G Datasheet
143Kb / 2P
   10.0AMPS Surface Mount Super Fast Rectifiers
SFS1001G TSC-SFS1001G Datasheet
389Kb / 4P
   Surface Mount Super Fast Rectifiers
SFS1001GH TSC-SFS1001GH Datasheet
590Kb / 6P
   10A, 50V - 600V Super Fast Surface Mount Rectifier
SFS1001G TSC-SFS1001G_14 Datasheet
389Kb / 4P
   Surface Mount Super Fast Rectifiers
More results

Similar Description - SFS1001G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFS1001G TSC-SFS1001G Datasheet
143Kb / 2P
   10.0AMPS Surface Mount Super Fast Rectifiers
logo
First Components Intern...
VFD10C05 FCI-VFD10C05 Datasheet
211Kb / 2P
   10.0AMPS ULTRA FAST SURFACE MOUNT POWER RECTIFIERS
logo
Taiwan Semiconductor Co...
SF1001G TSC-SF1001G_13 Datasheet
399Kb / 3P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_11 Datasheet
195Kb / 2P
   10.0AMPS. Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_14 Datasheet
423Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF1001G TSC-SFAF1001G_13 Datasheet
419Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SRS1020 TSC-SRS1020_11 Datasheet
154Kb / 2P
   10.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
SS5A EIC-SS5A Datasheet
41Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com