Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFF1608G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFF1608G
Description  16.0AMPS Isolated Glass Passivated Super Fast Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFF1608G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFF1608G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFF1608G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFF1608G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
UL Recognized File # E-326243
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
SFF1601G ITO-220AB 50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
SFF
1601G
SFF
1602G
SFF
1603G
SFF
1604G
SFF
1605G
SFF
1606G
SFF
1607G
SFF
1608G
Unit
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
nS
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
SFF1601G - SFF1608G
16.0AMPS Isolated Glass Passivated Super Fast Rectifier
ITO-220AB
Features
For use in low voltage, high frequency inverter,
Free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: ITO-220AB Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering:
260℃/10 seconds
Weight: 1.7 grams
Mounting torque: 5 in - lbs. max.
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
16
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
125
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 8A
VF
0.975
1.3
1.7
V
Operating Temperature Range
- 65 to + 150
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
IR
10
uA
400
Maximum Reverse Recovery Time (Note 2)
35
- 65 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Version:F12
Typical Junction Capacitance (Note 3)
80
60
Typical Thermal Resistance
1.5
Ordering Information (example)
Part No.
Package
Packing
Packing code
Packing code
(Green)
C0G
Storage Temperature Range


Similar Part No. - SFF1608G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF1608G TSC-SFF1608G Datasheet
115Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1608G TSC-SFF1608G Datasheet
331Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF1608G TSC-SFF1608G Datasheet
187Kb / 2P
   16.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Shenzhen Luguang Electr...
SFF1608G LUGUANG-SFF1608G Datasheet
223Kb / 2P
   Isolated16.0AMP. Glass Passivated Supper Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFF1608G TSC-SFF1608G Datasheet
401Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFF1608G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF1601G TSC-SFF1601G_11 Datasheet
187Kb / 2P
   16.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFAF1601G TSC-SFAF1601G_13 Datasheet
420Kb / 3P
   16.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFA1601G TSC-SFA1601G_11 Datasheet
209Kb / 2P
   16.0AMPS Glass Passivated Super Fast Rectifier
SF1601G TSC-SF1601G_11 Datasheet
197Kb / 2P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
SF1601G TSC-SF1601G_13 Datasheet
399Kb / 3P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
SF1601PT TSC-SF1601PT_13 Datasheet
412Kb / 3P
   16.0AMPS. Glass Passivated Super Fast Rectifiers
SFF2004GA TSC-SFF2004GA Datasheet
397Kb / 3P
   Isolated Glass Passivated Super Fast Rectifier
SFF2001G TSC-SFF2001G_11 Datasheet
192Kb / 2P
   20.0AMPS Isolated Glass Passivated Super Fast Rectifier
SFF2005GA TSC-SFF2005GA Datasheet
267Kb / 2P
   Isolated 20.0Amps Glass Passivated Super Fast Rectifier
SFF501G TSC-SFF501G_13 Datasheet
422Kb / 3P
   5.0AMPS Isolated Glass Passivated Super Fast Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com