Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74LVTH245MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74LVTH245MTC
Description  Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74LVTH245MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating Conditions
Note 2: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied.
Note 3: IO Absolute Maximum Rating must be observed.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 4.6
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
Output Voltage
0.5 to 7.0
Output in 3-STATE
V
0.5 to 7.0
Output in HIGH or LOW State (Note 3)
V
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
IO
DC Output Current
64
VO ! VCC Output at HIGH State
mA
128
VO ! VCC Output at LOW State
ICC
DC Supply Current per Supply Pin
r64
mA
IGND
DC Ground Current per Ground Pin
r128
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
2.7
3.6
V
VI
Input Voltage
0
5.5
V
IOH
High-Level Output Current
32
mA
IOL
Low-Level Output Current
64
mA
TA
Free Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V
0
10
ns/V
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
(V)
Min
Max
VIK
Input Clamp Diode Voltage
2.7
1.2
V
II 18 mA
VIH
Input HIGH Voltage
2.7–3.6
2.0
V
VO d 0.1V or
VIL
Input LOW Voltage
2.7–3.6
0.8
VO t VCC  0.1V
VOH
Output HIGH Voltage
2.7–3.6
VCC - 0.2
V
IOH 100 PA
2.7
2.4
V
IOH  8 mA
3.0
2.0
V
IOH 32 mA
VOL
Output LOW Voltage
2.7
0.2
V
IOL 100 PA
2.7
0.5
V
IOL 24 mA
3.0
0.4
V
IOL 16 mA
3.0
0.5
V
IOL 32 mA
3.0
0.55
V
IOL 64 mA
II(HOLD)
Bushold Input Minimum Drive
3.0
75
PAVI 0.8V
(Note 4)
75
PAVI 2.0V
II(OD)
Bushold Input Over-Drive
3.0
500
PA(Note 5)
(Note 4)
Current to Change State
500
PA(Note 6)
II
Input Current
3.6
10
PAVI 5.5V
Control Pins
3.6
r1
PAVI 0V or VCC
Data Pins
3.6
5
PAVI 0V
1
PAVI VCC
IOFF
Power Off Leakage Current
0
r100
PA0V d VI or VO d 5.5V
IPU/PD
Power Up/Down
0–1.5V
r100
PA
VO 0.5V to VCC
3-STATE Current
VI GND to VCC
IOZL
3-STATE Output Leakage Current
3.6
5
PAVO 0.5V
IOZL (Note 4) 3-STATE Output Leakage Current
3.6
5
PAVO 0.0V
IOZH
3-STATE Output Leakage Current
3.6
5
PAVO 3.0V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn