Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT374 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74LVT374
Description  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74LVT374 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 11: All typical values are at VCC 3.3V, TA
25
qC.
Capacitance (Note 12)
Note 12: Capacitance is measured at frequency f
1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA 40qC to 85qC
Units
CL 50 pF, RL 500:
VCC 3.3V r 0.3V
VCC 2.7V
Min
Typ
(Note 11)
Max
Min
Max
fMAX
Maximum Clock Frequency
160
160
MHz
tPHL
Propagation Delay
1.8
4.9
1.8
5.1
ns
tPLH
CP to On
1.8
4.8
1.8
5.2
tPZL
Output Enable Time
1.3
5.0
1.3
5.8
ns
tPZH
1.6
4.7
1.6
5.3
tPLZ
Output Disable Time
1.9
4.6
1.9
4.9
ns
tPHZ
2.0
4.7
2.0
5.0
tW
Pulse Width
3.0
3.0
ns
tS
Setup Time
1.5
2.0
ns
tH
Hold Time
0.8
0.0
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC 0V, VI 0V or VCC
3pF
COUT
Output Capacitance
VCC 3.0V, VO 0V or VCC
5pF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn