Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT373WM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVT373WM
Description  Low Voltage Octal Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT373WM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVT373WM Datasheet HTML 1Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 2Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 3Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 4Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 5Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 6Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 7Page - Fairchild Semiconductor 74LVT373WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012015
www.fairchildsemi.com
September 1999
Revised March 2005
74LVT373 • 74LVTH373
Low Voltage Octal Transparent Latch
with 3-STATE Outputs
General Description
The LVT373 and LVTH373 consist of eight latches with
3-STATE outputs for bus organized system applications.
The latches appear transparent to the data when Latch
Enable (LE) is HIGH. When LE is LOW, the data satisfying
the input timing requirements is latched. Data appears on
the bus when the Output Enable (OE) is LOW. When OE is
HIGH, the bus output is in a high impedance state.
The LVTH373 data inputs include bushold, eliminating the
need for external pull-up resistors to hold unused inputs.
These octal latches are designed for low-voltage (3.3V)
VCC applications, but with the capability to provide a TTL
interface to a 5V environment. The LVT373 and LVTH373
are fabricated with an advanced BiCMOS technology to
achieve high speed operation similar to 5V ABT while
maintaining low power dissipation.
Features
s Input and output interface capability to systems at
5V VCC
s Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs (74LVTH373),
also available without bushold feature (74LVT373)
s Live insertion/extraction permitted
s Power Up/Down high impedance provides glitch-free
bus loading
s Outputs source/sink
32 mA/64 mA
s Functionally compatible with the 74 series 373
s ESD performance:
Human-body model
! 2000V
Machine model
! 200V
Charged-device model
! 1000V
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbols
IEEE/IEC
Order Number
Package
Package Description
Number
74LVT373WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVT373SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVT373MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVTH373WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVTH373SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVTH373MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LVTH373MTCX_NL
(Note 1)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Similar Part No. - 74LVT373WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT373WM FAIRCHILD-74LVT373WM Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373WM ONSEMI-74LVT373WM Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVT373WM ONSEMI-74LVT373WM Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
More results

Similar Description - 74LVT373WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVTH373 FAIRCHILD-74LVTH373_08 Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com