Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE100 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # P4KE100
Description  400 Watts Transient Voltage Suppressor Low Dynamic impedance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4KE100 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  P4KE100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4KE100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4KE100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4KE100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P4KE100 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P4KE100 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CREAT BY ART
UL Recognized File # E-326243
Excellent clamping capability
Low Dynamic impedance
Typical IR less than 1uA above 10V
P4KE6.8
DO-41
3K / AMMO box
A0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
PPK
Watts
TJ, TSTG
400 watts surge capability with a
10 / 1000 us waveform
Fast response time: Typically less than 1.0ps from
0 volt to VBR for unidirectional and 5.0ns
for bidirectional
High temperature soldering guaranteed:
260℃ / 10 seconds / .375",(9.5mm) lead length /
5lbs., (2.3kg) tension
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
P4KE SERIES
400 Watts Transient Voltage Suppressor
DO-41
Features
Plastic package has Underwriters
Laboratory Flammability Classification 94V-0
Case: Molded plastic
Lead: Pure tin plated lead free, solderable per
MIL-STD-202, Method 208
Polarity: Color band denotes cathode except bipolar
Weight: 0.3 gram
Type Number
Value
Volts
Peak Power Dissipation at TA=25℃, Tp=1ms(Note 1)
Minimum 400
Steady State Power Dissipation at TL=75℃
Lead Lengths .375", 9.5mm (Note 2)
PD
1
Watts
Note 2: Mounted on 5 x 5 mm Copper Pads to Each Terminal
Note 3: 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum
Note 4: VF=3.5V for Devices of VBR≦200V and VF=6.5V Max. for Device VBR>200V
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method)(Note 3)
IFSM
40
Amps
Maximum Instantaneous Forward Voltage at 25 A for
Unidirectional Only (Note 4)
VF
3.5 / 6.5
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types P4KE6.8 through Types P4KE440
2. Electrical Characterstics Apply in Both Directions
Version:H12
Packing code
(Green)
52mm
A0G
Operating and Storage Temperature Range
-55 to +175
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25℃ Per Fig. 2
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
Packing
code


Similar Part No. - P4KE100

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
P4KE100 GXELECTRONICS-P4KE100 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4KE100 PANJIT-P4KE100 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
RFE international
P4KE100 RFE-P4KE100 Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Diotec Semiconductor
P4KE100 DIOTEC-P4KE100 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE100 LUGUANG-P4KE100 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW04 NJSEMI-BZW04 Datasheet
179Kb / 2P
   400 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE600 LUGUANG-P4KE600 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550A LUGUANG-P4KE550A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550 LUGUANG-P4KE550 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520A LUGUANG-P4KE520A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520 LUGUANG-P4KE520 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com