Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM76CHM-5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM76CHM-5
Description  LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76CHM-5 Datasheet(HTML) 5 Page - Texas Instruments

  LM76CHM-5 Datasheet HTML 1Page - Texas Instruments LM76CHM-5 Datasheet HTML 2Page - Texas Instruments LM76CHM-5 Datasheet HTML 3Page - Texas Instruments LM76CHM-5 Datasheet HTML 4Page - Texas Instruments LM76CHM-5 Datasheet HTML 5Page - Texas Instruments LM76CHM-5 Datasheet HTML 6Page - Texas Instruments LM76CHM-5 Datasheet HTML 7Page - Texas Instruments LM76CHM-5 Datasheet HTML 8Page - Texas Instruments LM76CHM-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM76
www.ti.com
SNIS109E – JANUARY 2000 – REVISED MARCH 2013
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS Unless otherwise noted, these specifications apply for +VS = +5.0 Vdc ±10% for the
LM76CHM-5. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Typical(1)
Limits(2)
Units
Symbol
Parameter
Conditions
(Limit)
+VS × 0.7
V (min)
SDA and SCL Logical “1” Input
VIN(1)
Voltage
+VS+0.3
V (max)
−0.3
V (min)
SDA and SCL Logical “0” Input
VIN(0)
Voltage
+VS × 0.3
V (max)
VIN(HYST)
SDA and SCL Digital Input Hysteresis
500
250
mV (min)
2.0
V (min)
VIN(1)
A0 and A1 Logical “1” Input Voltage
+VS+0.3
V (max)
−0.3
V (min)
VIN(0)
A0 and A1 Logical “0” Input Voltage
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = + VS
0.005
1.0
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−1.0
μA (max)
CIN
Capacitance of All Digital Inputs
20
pF
IOH
High Level Output Current
VOH = + VS
10
μA (max)
VOL
Low Level Output Voltage
IOL = 3 mA
0.4
V (max)
T_CRIT_A Output Saturation Voltage
IOUT = 4.0 mA
(3)
0.8
V (max)
Conversions
T_CRIT_A Delay
1
(max)
CL = 400 pF
tOF
Output Fall Time
250
ns (max)
IO = 3 mA
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an
error of 0.64°C at full rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
SERIAL BUS DIGITAL SWITCHING CHARACTERISTICS Unless otherwise noted, these specifications apply for +VS = +5.0
Vdc ±10% for the LM76CHM-5, CL (load capacitance) on output lines = 80 pF unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Typical(1)
Limits(2)(3)
Units
Symbol
Parameter
Conditions
(Limit)
t1
SCL (Clock) Period
2.5
μs(min)
t2
Data in Set-Up Time to SCL High
100
ns(min)
t3
Data Out Stable after SCL Low
0
ns(min)
t4
SDA Low Set-Up Time to SCL Low (Start Condition)
100
ns(min)
t5
SDA High Hold Time after SCL High (Stop Condition)
100
ns(min)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
Timing specifications are tested at the bus input logic levels (Vin(0)=0.3xVA for a falling edge and Vin(1)=0.7xVA for a rising edge) when
the SCL and SDA edge rates are similar.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM76


Similar Part No. - LM76CHM-5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76CHM-5 NSC-LM76CHM-5 Datasheet
311Kb / 15P
   짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI-LM76CHM-5 Datasheet
1Mb / 22P
[Old version datasheet]   Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM76CHM-5/NOPB TI-LM76CHM-5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
More results

Similar Description - LM76CHM-5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
   짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76 TI-LM76_15 Datasheet
1Mb / 22P
[Old version datasheet]   Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
[Old version datasheet]   Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
National Semiconductor ...
LM77 NSC-LM77 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
[Old version datasheet]   0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
National Semiconductor ...
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
   짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
   짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77 TI-LM77_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77CIMMX-3 TI-LM77CIMMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com