Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSM303DLHC Datasheet(PDF) 27 Page - STMicroelectronics

Part # LSM303DLHC
Description  Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LSM303DLHC Datasheet HTML 23Page - STMicroelectronics LSM303DLHC Datasheet HTML 24Page - STMicroelectronics LSM303DLHC Datasheet HTML 25Page - STMicroelectronics LSM303DLHC Datasheet HTML 26Page - STMicroelectronics LSM303DLHC Datasheet HTML 27Page - STMicroelectronics LSM303DLHC Datasheet HTML 28Page - STMicroelectronics LSM303DLHC Datasheet HTML 29Page - STMicroelectronics LSM303DLHC Datasheet HTML 30Page - STMicroelectronics LSM303DLHC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
LSM303DLHC
Register description
Doc ID 018771 Rev 1
27/42
7.1.6
CTRL_REG6_A (25h)
7.1.7
REFERENCE/DATACAPTURE_A (26h)
Table 29.
CTRL_REG5_A description
BOOT
Reboot memory content. Default value: 0
(0: normal mode, 1: reboot memory content)
FIFO_EN
FIFO enable. Default value: 0
(0: FIFO disable, 1: FIFO enable)
LIR_INT1
Latch interrupt request on INT1_SRC register, with INT1_SRC register
cleared by reading INT1_SRC itself. Default value: 0.
(0: interrupt request not latched, 1: interrupt request latched)
D4D_INT1
4D enable: 4D detection is enabled on INT1 when 6D bit on INT1_CFG is set
to 1.
LIR_INT2
Latch interrupt request on INT2_SRC register, with INT2_SRC register
cleared by reading INT2_SRC itself. Default value: 0.
(0: interrupt request not latched, 1: interrupt request latched)
D4D_INT2
4D enable: 4D detection is enabled on INT2 when 6D bit on INT2_CFG is set
to 1.
Table 30.
CTRL_REG6_A register
I2_CLICKen
I2_INT1
I2_INT2
BOOT_I1
P2_ACT
- -
H_LACTIVE
--
Table 31.
CTRL_REG6_A description
I2_CLICKen
CLICK interrupt on PAD2. Default value 0.
(0: disable, 1: enable)
I2_INT1
Interrupt 1 on PAD2. Default value 0.
(0: disable, 1: enable)
I2_INT2
Interrupt 2 on PAD2. Default value 0.
(0: disable, 1: enable)
BOOT_I1
Reboot memory content on PAD2. Default value: 0
(0: disable, 1: enable)
P2_ACT
Active function status on PAD2. Default value 0.
(0: disable, 1: enable)
H_LACTIVE
Interrupt active high, low. Default value 0.
(0: active high, 1: active low)
Table 32.
REFERENCE_A register
Ref7
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Ref0


Similar Part No. - LSM303DLHC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
619Kb / 42P
   Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
   Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
More results

Similar Description - LSM303DLHC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
   Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
LSM303C STMICROELECTRONICS-LSM303C Datasheet
1Mb / 53P
   Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
June 2014 Rev 2
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
1Mb / 68P
   Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LSM303AH STMICROELECTRONICS-LSM303AH Datasheet
1Mb / 82P
   Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2018 Rev 7
ISM303DAC STMICROELECTRONICS-ISM303DAC Datasheet
1Mb / 80P
   High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
October 2017 Rev 2
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
   iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
   iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
March 2015 Rev 3
ASM330LXH STMICROELECTRONICS-ASM330LXH Datasheet
1Mb / 56P
   Automotive inertial module: 3D accelerometer and 3D gyroscope
October 2015 Rev 3
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
   3D Magnetometer
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
   3D Magnetometer
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com