Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT322245 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74LVT322245
Description  Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25Ω Series Resistors in A Port Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT322245 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVT322245 Datasheet HTML 1Page - Fairchild Semiconductor 74LVT322245 Datasheet HTML 2Page - Fairchild Semiconductor 74LVT322245 Datasheet HTML 3Page - Fairchild Semiconductor 74LVT322245 Datasheet HTML 4Page - Fairchild Semiconductor 74LVT322245 Datasheet HTML 5Page - Fairchild Semiconductor 74LVT322245 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Connection Diagram
(Top Thru View)
FBGA Pin Descriptions
Pin Assignments for FBGA
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Pin Names
Description
OEn
Output Enable Input (Active LOW)
T/Rn
Transmit/Receive Input
A0–A31
Side A Inputs/3-STATE Outputs
B0–B31
Side B Inputs/3-STATE Outputs
123
456
A
B1
B0
T/R1
OE1
A0
A1
B
B3
B2
GND
GND
A2
A3
C
B5
B4
VCC1
VCC1
A4
A5
D
B7
B6
GND
GND
A6
A7
E
B9
B8
GND
GND
A8
A9
F
B11
B10
VCC1
VCC1
A10
A11
G
B13
B12
GND
GND
A12
A13
H
B14
B15
T/R2
OE2
A15
A14
J
B17
B16
T/R3
OE3
A16
A17
K
B19
B18
GND
GND
A18
A19
L
B21
B20
VCC2
VCC2
A20
A21
M
B23
B22
GND
GND
A22
A23
N
B25
B24
GND
GND
A24
A25
P
B27
B26
VCC2
VCC2
A26
A27
R
B29
B28
GND
GND
A28
A29
T
B30
B31
T/R4
OE4
A31
A30
Inputs
Outputs
Inputs
Outputs
OE1
T/R1
OE3
T/R3
L
L
Bus B0–B7 Data to Bus A0–A7
L
L
Bus B16–B23 Data to Bus A16–A23
L
H
Bus A0–A7 Data to Bus B0–B7
L
H
Bus A16–A23 Data to Bus B16–B23
H
X
HIGH-Z State on A0–A7, B0–B7
H
X
HIGH-Z State on A16–A23, B16–B23
Inputs
Outputs
Inputs
Outputs
OE2
T/R2
OE4
T/R4
L
L
Bus B8–B15 Data to Bus A8–A15
L
L
Bus B24–B31 Data to Bus A24–A31
L
H
Bus A8–A15 Data to Bus B8–B15
L
H
Bus A24–A31 Data to Bus B24–B31
H
X
HIGH-Z State on A8–A15, B8–B15
H
X
HIGH-Z State on A24–A31, B24–B31


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVT322373Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT162245Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH322374Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs Preliminary 1 2 3 4 5 MoreFairchild Semiconductor
74LVT2245Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162373Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVTH162374Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC2245Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in B Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH32245LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER 3-STATE WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn