Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3019 Datasheet(PDF) 3 Page - Rohm

Part # 2SK3019
Description  2.5V Drive Nch MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK3019 Datasheet(HTML) 3 Page - Rohm

  2SK3019 Datasheet HTML 1Page - Rohm 2SK3019 Datasheet HTML 2Page - Rohm 2SK3019 Datasheet HTML 3Page - Rohm 2SK3019 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3019
Transistor
Rev.C
3/3
−50
0
25
150
0
3
6
9
CHANNEL TEMPERATURE : Tch (
°C)
−25
50
75
100 125
2
1
4
5
7
8
VGS
=4V
Pulsed
ID
=100mA
ID
=50mA
Fig.7 Static drain-source on-state
resistance vs. channel
temperature
0.0001
0.001
0.01
0.02
0.5
DRAIN CURRENT : ID (A)
0.005
0.0002
0.0005 0.001 0.002
0.005 0.01 0.02
0.05
0.05
0.1
0.2
0.1
0.2
0.5
0.002
Ta
=−25°C
25
°C
75
°C
125
°C
VDS
=3V
Pulsed
Fig.8 Forward transfer
admittance vs. drain current
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
VGS
=0V
Pulsed
Ta
=125°C
75
°C
25
°C
−25°C
Fig.9 Reverse drain current vs.
source-drain voltage (
Ι)
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
Ta
=25°C
Pulsed
VGS
=4V
0V
Fig.10 Reverse drain current vs.
source-drain voltage (
ΙΙ)
0.1
1
2
50
DRAIN-SOURCE VOLTAGE : VDS (V)
0.5
0.2
0.5
1
2
5
10
20
50
5
10
20
Ciss
Coss
Crss
Ta
=25°C
f
=1MHZ
VGS
=0V
Fig.11 Typical capacitance vs.
drain-source voltage
0.1
10
20
500
DRAIN CURRENT : ID (mA)
5
0.2
0.5
1
2
5
10
20
50
50
100
200
1000
2
100
Ta
=25°C
VDD
=5V
VGS
=5V
RG
=10Ω
Pulsed
td(off)
tr
td(on)
tf
Fig.12 Switching characteristics
(See Figures 13 and 14 for
the measurement circuit
and resultant waveforms)
Switching characteristics measurement circuit
Fig.13 Switching time measurement circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
50%
10%
90%
10%
50%
Pulse width
10%
VGS
VDS
90%
tf
toff
td (off)
tr
ton
td (on)
Fig.14 Switching time waveforms


Similar Part No. - 2SK3019

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
87Kb / 5P
   Small switching (30V, 0.1A)
2SK3019 ROHM-2SK3019 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
2SK3019 ROHM-2SK3019 Datasheet
76Kb / 4P
   2.5V Drive Nch MOS FET
logo
Guangdong Kexin Industr...
2SK3019 KEXIN-2SK3019 Datasheet
1,002Kb / 3P
   N-Channel MOSFET
logo
Jiangsu Changjiang Elec...
2SK3019 JIANGSU-2SK3019 Datasheet
1Mb / 5P
   N-channel MOSFET
More results

Similar Description - 2SK3019

ManufacturerPart #DatasheetDescription
logo
Rohm
UM6K1N ROHM-UM6K1N_1 Datasheet
76Kb / 4P
   2.5V Drive NchNch MOS FET
QS5K2 ROHM-QS5K2 Datasheet
67Kb / 3P
   2.5V Drive NchNch MOS FET
QS6K1TR ROHM-QS6K1TR Datasheet
68Kb / 4P
   2.5V Drive NchNch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
QS6K1 ROHM-QS6K1_1 Datasheet
79Kb / 4P
   2.5V Drive NchNch MOS FET
EM6K1 ROHM-EM6K1_1 Datasheet
75Kb / 4P
   2.5V Drive NchNch MOS FET
US6K1 ROHM-US6K1 Datasheet
58Kb / 3P
   2.5V Drive NchNch MOS FET
UM5K1NTR ROHM-UM5K1NTR Datasheet
72Kb / 4P
   2.5V Drive NchNch MOS FET
UM6K1NTN ROHM-UM6K1NTN Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
RTQ020N03 ROHM-RTQ020N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com