Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3018 Datasheet(PDF) 4 Page - Rohm

Part # 2SK3018
Description  2.5V Drive Nch MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK3018 Datasheet(HTML) 4 Page - Rohm

  2SK3018 Datasheet HTML 1Page - Rohm 2SK3018 Datasheet HTML 2Page - Rohm 2SK3018 Datasheet HTML 3Page - Rohm 2SK3018 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - 2SK3018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 5P
   Small switching (30V, 0.1A)
logo
Shenzhen Tuofeng Semico...
2SK3018 TUOFENG-2SK3018 Datasheet
2Mb / 4P
   N-Channel 30-V(D-S) MOSFET
Mar,2018 V1.0
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
logo
Shenzhen Luguang Electr...
2SK3018 LUGUANG-2SK3018 Datasheet
1Mb / 5P
   SOT-323 Plastic-Encapsulate N-channel MOSFETS
Revision:20220701-P1
logo
Guangdong Kexin Industr...
2SK3018 KEXIN-2SK3018 Datasheet
81Kb / 2P
   N-Channel MOSFET
More results

Similar Description - 2SK3018

ManufacturerPart #DatasheetDescription
logo
Rohm
UM6K1N ROHM-UM6K1N_1 Datasheet
76Kb / 4P
   2.5V Drive NchNch MOS FET
QS5K2 ROHM-QS5K2 Datasheet
67Kb / 3P
   2.5V Drive NchNch MOS FET
QS6K1TR ROHM-QS6K1TR Datasheet
68Kb / 4P
   2.5V Drive NchNch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
QS6K1 ROHM-QS6K1_1 Datasheet
79Kb / 4P
   2.5V Drive NchNch MOS FET
EM6K1 ROHM-EM6K1_1 Datasheet
75Kb / 4P
   2.5V Drive NchNch MOS FET
US6K1 ROHM-US6K1 Datasheet
58Kb / 3P
   2.5V Drive NchNch MOS FET
UM5K1NTR ROHM-UM5K1NTR Datasheet
72Kb / 4P
   2.5V Drive NchNch MOS FET
UM6K1NTN ROHM-UM6K1NTN Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
RTQ020N03 ROHM-RTQ020N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOS FET
2SK3019TL ROHM-2SK3019TL Datasheet
78Kb / 4P
   2.5V Drive Nch MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com